Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 107Page - Renesas Technology Corp HD6433635SW Datasheet HTML 108Page - Renesas Technology Corp HD6433635SW Datasheet HTML 109Page - Renesas Technology Corp HD6433635SW Datasheet HTML 110Page - Renesas Technology Corp HD6433635SW Datasheet HTML 111Page - Renesas Technology Corp HD6433635SW Datasheet HTML 112Page - Renesas Technology Corp HD6433635SW Datasheet HTML 113Page - Renesas Technology Corp HD6433635SW Datasheet HTML 114Page - Renesas Technology Corp HD6433635SW Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 418 page
background image
97
5.3.5
Notes on External Input Signal Changes before/after Standby Mode
1. When external input signal changes before/after standby mode or watch mode
When an external input signal such as
IRQ or WKP is input, both the high- and low-level
widths of the signal must be at least two cycles of system clock ø or subclock øSUB (referred
to together in this section as the internal clock). As the internal clock stops in standby mode
and watch mode, the width of external input signals requires careful attention when a transition
is made via these operating modes. Ensure that external input signals conform to the conditions
stated in 3, Recommended timing of external input signals, below
2. When external input signals cannot be captured because internal clock stops
The case of falling edge capture is illustrated in figure 5.3
As shown in the case marked "Capture not possible," when an external input signal falls
immediately after a transition to active (high-speed or medium-speed) mode or subactive
mode, after oscillation is started by an interrupt via a different signal, the external input signal
cannot be captured if the high-level width at that point is less than 2 t
cyc or 2 tsubcyc.
3. Recommended timing of external input signals
To ensure dependable capture of an external input signal, high- and low-level signal widths of
at least 2 t
cyc or 2 tsubcyc are necessary before a transition is made to standby mode or watch
mode, as shown in "Capture possible: case 1."
External input signal capture is also possible with the timing shown in "Capture possible: case
2" and "Capture possible: case 3," in which a 2 t
cyc or 2 tsubcyc level width is secured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com