Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 111Page - Renesas Technology Corp HD6433635SW Datasheet HTML 112Page - Renesas Technology Corp HD6433635SW Datasheet HTML 113Page - Renesas Technology Corp HD6433635SW Datasheet HTML 114Page - Renesas Technology Corp HD6433635SW Datasheet HTML 115Page - Renesas Technology Corp HD6433635SW Datasheet HTML 116Page - Renesas Technology Corp HD6433635SW Datasheet HTML 117Page - Renesas Technology Corp HD6433635SW Datasheet HTML 118Page - Renesas Technology Corp HD6433635SW Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 418 page
background image
101
5.6
Subactive Mode
5.6.1
Transition to Subactive Mode
Subactive mode is entered from watch mode if a timer A, IRQ
0, or WKP0 to WKP7 interrupt is
requested while the LSON bit in SYSCR1 is set to 1. From subsleep mode, subactive mode is
entered if a timer A, timer G, IRQ
0 to IRQ4, or WKP0 to WKP7 interrupt is requested. A transition
to subactive mode does not take place if the I bit of CCR is set to 1 or the particular interrupt is
disabled in the interrupt enable register.
The contents of SCI3, DTMF generator registers are reset.
5.6.2
Clearing Subactive Mode
Subactive mode is cleared by a SLEEP instruction or by a low input at the
RES pin.
Clearing by SLEEP Instruction: If a SLEEP instruction is executed while the SSBY bit in
SYSCR1 is set to 1 and bit TMA3 in TMA is set to 1, subactive mode is cleared and watch mode
is entered. If a SLEEP instruction is executed while SSBY = 0 and LSON = 1 in SYSCR1 and
TMA3 = 1 in TMA, subsleep mode is entered. Direct transfer to active mode is also possible; see
5.8, Direct Transfer, below.
Clearing by
RES Pin: Clearing by RES pin is the same as for standby mode; see 5.3.2, Clearing
Standby Mode.
5.6.3
Operating Frequency in Subactive Mode
The operating frequency in subactive mode is set in bits SA1 and SA0 in SYSCR2. The choices
are ø
W/2, øW/4, and øW/8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com