Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 109Page - Renesas Technology Corp HD6433635SW Datasheet HTML 110Page - Renesas Technology Corp HD6433635SW Datasheet HTML 111Page - Renesas Technology Corp HD6433635SW Datasheet HTML 112Page - Renesas Technology Corp HD6433635SW Datasheet HTML 113Page - Renesas Technology Corp HD6433635SW Datasheet HTML 114Page - Renesas Technology Corp HD6433635SW Datasheet HTML 115Page - Renesas Technology Corp HD6433635SW Datasheet HTML 116Page - Renesas Technology Corp HD6433635SW Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 418 page
background image
99
5.4
Watch Mode
5.4.1
Transition to Watch Mode
The system goes from active or subactive mode to watch mode when a SLEEP instruction is
executed while the SSBY bit in SYSCR1 is set to 1 and bit TMA3 in TMA is set to 1.
In watch mode, operation of on-chip peripheral modules other than timer A is halted. As long as a
minimum required voltage is applied, the contents of CPU registers and some registers of the on-
chip peripheral modules*, and the on-chip RAM contents, are retained. I/O ports keep the same
states as before the transition.
Note: * The contents of SCI3, DTMF generator registers are reset.
5.4.2
Clearing Watch Mode
Watch mode is cleared by an interrupt (timer A, IRQ
0, WKP0 to WKP7) or by a low input at the
RES pin.
Clearing by Interrupt: When watch mode is cleared by a timer A, IRQ
0, or WKP0 to WKP7
interrupt request, the mode to which a transition is made depends on the settings of LSON in
SYSCR1 and MSON in SYSCR2. If both LSON and MSON are cleared to 0, transition is to active
(high-speed) mode; if LSON = 0 and MSON = 1, transition is to active (medium-speed) mode; if
LSON = 1, transition is to subactive mode. When the transition is to active mode, after the time set
in SYSCR1 bits STS2 to STS0 has elapsed, a stable clock signal is supplied to the entire chip,
watch mode is cleared, and interrupt exception handling starts. Watch mode is not cleared if the I
bit of CCR is set to 1 or the particular interrupt is disabled in the interrupt enable register.
Clearing by
RES Input: Clearing by RES pin is the same as for standby mode; see 5.3.2,
Clearing Standby Mode.
5.4.3
Oscillator Settling Time after Watch Mode is Cleared
The waiting time is the same as for standby mode; see 5.3.3, Oscillator Settling Time after
Standby Mode is Cleared.
5.4.4
Notes on External Input Signal Changes before/after Watch Mode
See 5.3.5, Notes on External Input Signal Changes before/after Standby Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com