Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 103Page - Renesas Technology Corp HD6433635SW Datasheet HTML 104Page - Renesas Technology Corp HD6433635SW Datasheet HTML 105Page - Renesas Technology Corp HD6433635SW Datasheet HTML 106Page - Renesas Technology Corp HD6433635SW Datasheet HTML 107Page - Renesas Technology Corp HD6433635SW Datasheet HTML 108Page - Renesas Technology Corp HD6433635SW Datasheet HTML 109Page - Renesas Technology Corp HD6433635SW Datasheet HTML 110Page - Renesas Technology Corp HD6433635SW Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 418 page
background image
93
Bits 1 and 0—Subactive Mode Clock Select (SA1 and SA0): These bits select the CPU clock
rate (ø
W/2, øW/4, or øW/8) in subactive mode. SA1 and SA0 cannot be modified in subactive mode.
Bit 1: SA1
Bit 0: SA0
Description
00ø
W/8
(initial value)
1ø
W/4
1
*
ø
W/2
Note: * Don’t care
5.2
Sleep Mode
5.2.1
Transition to Sleep Mode
The system goes from active mode to sleep mode when a SLEEP instruction is executed while the
SSBY and LSON bits in system control register 1 (SYSCR1) are cleared to 0. In sleep mode CPU
operation is halted but the on-chip peripheral functions are operational. The CPU register contents
are retained.
5.2.2
Clearing Sleep Mode
Sleep mode is cleared by an interrupt (timer A, timer F, timer G, timer Y, IRQ
0 to IRQ4, WKP0 to
WKP
7, SCI1, SCI3, A/D converter) or by reset input.
Clearing by Interrupt: When an interrupt is requested, sleep mode is cleared and interrupt
exception handling starts. Operation resumes in active (high-speed) mode if MSON = 0 in
SYSCR2, or active (medium-speed) mode if MSON = 1. Sleep mode is not cleared if the I bit of
the condition code register (CCR) is set to 1 or the particular interrupt is disabled in the interrupt
enable register.
Clearing by Reset Input: When the
RES pin goes low, or when a watchdog timer reset is
effected, the CPU goes into the reset state and sleep mode is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com