Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 118Page - Renesas Technology Corp HD6433635SW Datasheet HTML 119Page - Renesas Technology Corp HD6433635SW Datasheet HTML 120Page - Renesas Technology Corp HD6433635SW Datasheet HTML 121Page - Renesas Technology Corp HD6433635SW Datasheet HTML 122Page - Renesas Technology Corp HD6433635SW Datasheet HTML 123Page - Renesas Technology Corp HD6433635SW Datasheet HTML 124Page - Renesas Technology Corp HD6433635SW Datasheet HTML 125Page - Renesas Technology Corp HD6433635SW Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 418 page
background image
108
6.2
PROM Mode
6.2.1
Selection of PROM Mode
If the on-chip ROM is PROM, setting the chip to PROM mode stops operation as a
microcomputer and allows the on-chip PROM to be programmed in the same way as the
HN27C101, except that page programming is not supported. Table 6.1 shows how to set PROM
mode.
Table 6.1
Setting PROM Mode
Pin Name
Setting
TEST
High level
PB
7/AN7
Low level
PB
6/AN6
PB
5/AN5
High level
6.2.2
Socket Adapter Pin Arrangement and Memory Map
A standard PROM programmer can be used to program the PROM. A socket adapter is required
for conversion to 32 pins.
Figure 6.2 shows the pin-to-pin wiring of the socket adapter. Figure 6.3 shows a memory map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com