Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 121Page - Renesas Technology Corp HD6433635SW Datasheet HTML 122Page - Renesas Technology Corp HD6433635SW Datasheet HTML 123Page - Renesas Technology Corp HD6433635SW Datasheet HTML 124Page - Renesas Technology Corp HD6433635SW Datasheet HTML 125Page - Renesas Technology Corp HD6433635SW Datasheet HTML 126Page - Renesas Technology Corp HD6433635SW Datasheet HTML 127Page - Renesas Technology Corp HD6433635SW Datasheet HTML 128Page - Renesas Technology Corp HD6433635SW Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 418 page
background image
111
6.3
Programming
The program, verify, and other modes are selected as shown in table 6.2 in PROM mode.
Table 6.2
Mode Selection in PROM Mode
Pin
Mode
CE
OE
PGM
V
PP
V
CC
EO
7 to EO0
EA
16 to EA0
Write
L
H
L
V
PP
V
CC
Data input
Address input
Verify
L
L
H
V
PP
V
CC
Data output
Address input
Programming
LLLV
PP
V
CC
High impedance
Address input
disabled
LH
H
HL
L
HHH
Legend:
L:
Low level
H:
High level
V
PP:VPP level
V
CC:VCC level
The programming and verifying specifications in PROM mode are the same as the specifications
of the standard HN27C101 EPROM. Page programming is not supported, however. The PROM
programmer must not be set to page mode. PROM programmers that support only page
programming cannot be used. When selecting a PROM programmer, make sure that it supports a
byte-by-byte high-speed, high-reliability programming method. Be sure to set the address range to
H'0000 to H'EDFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com