Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 123Page - Renesas Technology Corp HD6433635SW Datasheet HTML 124Page - Renesas Technology Corp HD6433635SW Datasheet HTML 125Page - Renesas Technology Corp HD6433635SW Datasheet HTML 126Page - Renesas Technology Corp HD6433635SW Datasheet HTML 127Page - Renesas Technology Corp HD6433635SW Datasheet HTML 128Page - Renesas Technology Corp HD6433635SW Datasheet HTML 129Page - Renesas Technology Corp HD6433635SW Datasheet HTML 130Page - Renesas Technology Corp HD6433635SW Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 418 page
background image
113
Table 6.3 and table 6.4 give the electrical characteristics in programming mode.
Table 6.3
DC Characteristics
(Conditions: V
CC = 6.0 V ±0.25 V, VPP = 12.5 V ±0.3 V, VSS = 0 V, Ta = 25°C ±5°C)
Item
Symbol
Min
Typ
Max
Unit
Test
Condition
Input high-
level voltage
EO
7 to EO 0, EA16 to EA 0
OE, CE, PGM
V
IH
2.4
—
V
CC + 0.3
V
Input low-
level voltage
EO
7 to EO 0, EA16 to EA 0
OE, CE, PGM
V
IL
–0.3
—
0.8
V
Output high-
level voltage
EO
7 to EO 0
V
OH
2.4
—
—
V
I
OH = –200 µA
Output low-
level voltage
EO
7 to EO 0
V
OL
—
—
0.45
V
I
OL = 0.8 mA
Input leakage
current
EO
7 to EO 0, EA16 to EA 0
OE, CE, PGM
|I
LI|—
—
2
µAV
in = 5.25 V/
0.5 V
V
CC current
I
CC
—
—
40
mA
V
PP current
I
PP
—
—
40
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com