Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 126Page - Renesas Technology Corp HD6433635SW Datasheet HTML 127Page - Renesas Technology Corp HD6433635SW Datasheet HTML 128Page - Renesas Technology Corp HD6433635SW Datasheet HTML 129Page - Renesas Technology Corp HD6433635SW Datasheet HTML 130Page - Renesas Technology Corp HD6433635SW Datasheet HTML 131Page - Renesas Technology Corp HD6433635SW Datasheet HTML 132Page - Renesas Technology Corp HD6433635SW Datasheet HTML 133Page - Renesas Technology Corp HD6433635SW Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 418 page
background image
116
6.3.2
Programming Precautions
• Use the specified programming voltage and timing.
The programming voltage in PROM mode (V
PP) is 12.5 V. Use of a higher voltage can
permanently damage the chip. Be especially careful with respect to PROM programmer
overshoot.
Setting the PROM programmer to Hitachi specifications for the HN27C101 will result in
correct V
PP of 12.5 V.
• Make sure the index marks on the PROM programmer socket, socket adapter, and chip are
properly aligned. If they are not, the chip may be destroyed by excessive current flow. Before
programming, be sure that the chip is properly mounted in the PROM programmer.
• Avoid touching the socket adapter or chip while programming, since this may cause contact
faults and write errors.
• Select the programming mode carefully. The chip cannot be programmed in page
programming mode.
• When programming with a PROM programmer, be sure to specify addresses from H'0000 to
H'EDFF. If address H'EE00 and higher addresses are programmed by mistake, it may become
impossible to program the PROM or verify the programmed data. When programming, assign
H'FF data to the address area from H'EE00 to H'1FFFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com