Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 122Page - Renesas Technology Corp HD6433635SW Datasheet HTML 123Page - Renesas Technology Corp HD6433635SW Datasheet HTML 124Page - Renesas Technology Corp HD6433635SW Datasheet HTML 125Page - Renesas Technology Corp HD6433635SW Datasheet HTML 126Page - Renesas Technology Corp HD6433635SW Datasheet HTML 127Page - Renesas Technology Corp HD6433635SW Datasheet HTML 128Page - Renesas Technology Corp HD6433635SW Datasheet HTML 129Page - Renesas Technology Corp HD6433635SW Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 418 page
background image
112
6.3.1
Programming and Verification
An efficient, high-speed, high-reliability programming procedure can be used to program and
verify data. This procedure programs the chip quickly without subjecting it to voltage stress and
without sacrificing data reliability. Data in unused address areas is H'FF. Figure 6.4 shows the
basic high-speed, high-reliability programming flow chart.
Start
Set program/verify mode
V
= 6.0 V
± 0.25 V, V
= 12.5 V
± 0.3 V
CC
PP
Address = 0
n = 0
n + 1
n
Program with t
= 0.2 ms
±5%
→
PW
Verification OK?
Overprogram with t
= 0.2n ms
OPW
Last address?
Set read mode
V
= 5.0 V
± 0.25 V, V
= V
CC
PP
CC
All addresses
read?
End
Fail
n 25
<
Address + 1
address
→
No
Yes
No
Yes
Yes
No
No
Yes
Figure 6.4 High-Speed, High-Reliability Programming Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com