Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 138Page - Renesas Technology Corp HD6433635SW Datasheet HTML 139Page - Renesas Technology Corp HD6433635SW Datasheet HTML 140Page - Renesas Technology Corp HD6433635SW Datasheet HTML 141Page - Renesas Technology Corp HD6433635SW Datasheet HTML 142Page - Renesas Technology Corp HD6433635SW Datasheet HTML 143Page - Renesas Technology Corp HD6433635SW Datasheet HTML 144Page - Renesas Technology Corp HD6433635SW Datasheet HTML 145Page - Renesas Technology Corp HD6433635SW Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 418 page
background image
128
Table 8.3
Port 1 Pin Functions (cont)
Pin
Pin Functions and Selection Method
P1
3/TMIG
The pin function depends on bit TMIG in PMR1 and bit PCR1
3 in PCR1.
TMIG
0
1
PCR1
3
01
*
Pin function
P1
3 input pin
P1
3 output pin
TMIG input pin
P1
2/TMOFH
The pin function depends on bit TMOFH in PMR1 and bit PCR1
2 in PCR1.
TMOFH
0
1
PCR1
2
01
*
Pin function
P1
2 input pin
P1
2 output pin
TMOFH output pin
P1
1/TMOFL
The pin function depends on bit TMOFL in PMR1 and bit PCR1
1 in PCR1.
TMOFL
0
1
PCR1
1
01
*
Pin function
P1
1 input pin
P1
1 output pin
TMOFL output pin
P1
0/TMOW
The pin function depends on bit TMOW in PMR1 and bit PCR1
0 in PCR1.
TMOW
0
1
PCR1
0
01
*
Pin function
P1
0 input pin
P1
0 output pin
TMOW output pin
Note: * Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com