Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 139Page - Renesas Technology Corp HD6433635SW Datasheet HTML 140Page - Renesas Technology Corp HD6433635SW Datasheet HTML 141Page - Renesas Technology Corp HD6433635SW Datasheet HTML 142Page - Renesas Technology Corp HD6433635SW Datasheet HTML 143Page - Renesas Technology Corp HD6433635SW Datasheet HTML 144Page - Renesas Technology Corp HD6433635SW Datasheet HTML 145Page - Renesas Technology Corp HD6433635SW Datasheet HTML 146Page - Renesas Technology Corp HD6433635SW Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 418 page
background image
129
8.2.4
Pin States
Table 8.4 shows the port 1 pin states in each operating mode.
Table 8.4
Port 1 Pin States
Pins
Reset
Sleep
Subsleep Standby
Watch
Subactive Active
P1
7/ IRQ3/TMIF
P1
6/ IRQ2/TMCIY
P1
5/ IRQ1
P1
4/PWM
P1
3/TMIG
P1
2/TMOFH
P1
1/TMOFL
P1
0/TMOW
High-
impedance
Retains
previous
state
Retains
previous
state
High-
impedance*
Retains
previous
state
Functional
Functional
Note: * A high-level signal is output when the MOS pull-up is in the on state.
8.2.5
MOS Input Pull-Up
Port 1 has a built-in MOS input pull-up function that can be controlled by software. When a PCR1
bit is cleared to 0, setting the corresponding PUCR1 bit to 1 turns on the MOS pull-up for that pin.
The MOS input pull-up function is in the off state after a reset.
PCR1
n
01
PUCR1
n
01
*
MOS input pull-up
Off
On
Off
Note:
* Don’t care
(n = 7 to 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com