Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 143Page - Renesas Technology Corp HD6433635SW Datasheet HTML 144Page - Renesas Technology Corp HD6433635SW Datasheet HTML 145Page - Renesas Technology Corp HD6433635SW Datasheet HTML 146Page - Renesas Technology Corp HD6433635SW Datasheet HTML 147Page - Renesas Technology Corp HD6433635SW Datasheet HTML 148Page - Renesas Technology Corp HD6433635SW Datasheet HTML 149Page - Renesas Technology Corp HD6433635SW Datasheet HTML 150Page - Renesas Technology Corp HD6433635SW Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 418 page
background image
133
Bit 3—P2
3/SO1 Pin Function Switch (SO1): This bit selects whether pin P23/SO1 is used as P23
or as SO
1.
Bit 3: SO1
Description
0
Functions as P2
3 I/O pin
(initial value)
1
Functions as SO
1 output pin
Bit 2—P2
2/SI1 Pin Function Switch (SI1): This bit selects whether pin P22/SI1 is used as P22 or
as SI
1.
Bit 2: SI1
Description
0
Functions as P2
2 I/O pin
(initial value)
1
Functions as SI
1 input pin
Bit 1—P2
1/SCK1 Pin Function Switch (SCK1): This bit selects whether pin P21/SCK1 is used as
P2
1 or as SCK1.
Bit 1: SCK1
Description
0
Functions as P2
1 I/O pin
(initial value)
1
Functions as SCK
1 I/O pin
Bit 0—P2
0/IRQ4/ADTRG Pin Function Switch (IRQ4): This bit selects whether pin
P2
0/IRQ4/ADTRG is used as P20 or as IRQ4/ADTRG .
Bit 0: IRQ4
Description
0
Functions as P2
0 I/O pin
(initial value)
1
Functions as
IRQ
4/ ADTRG input pin
Note:
For information about
ADTRG pin settings, see 12.3.2, Start of A/D Conversion by External
Trigger Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com