Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 142Page - Renesas Technology Corp HD6433635SW Datasheet HTML 143Page - Renesas Technology Corp HD6433635SW Datasheet HTML 144Page - Renesas Technology Corp HD6433635SW Datasheet HTML 145Page - Renesas Technology Corp HD6433635SW Datasheet HTML 146Page - Renesas Technology Corp HD6433635SW Datasheet HTML 147Page - Renesas Technology Corp HD6433635SW Datasheet HTML 148Page - Renesas Technology Corp HD6433635SW Datasheet HTML 149Page - Renesas Technology Corp HD6433635SW Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 418 page
background image
132
Port Mode Register 2 (PMR2)
Bit
76543210
IRQ0
—
POF1
NCS
SO1
SI1
SCK1
IRQ4
Initial value
01000000
Read/Write
R/W
—
R/W
R/W
R/W
R/W
R/W
R/W
PMR2 is an 8-bit read/write register for controlling the selection of pin functions for pins P2
0 to
P2
3 and P27, controlling the PMOS on/off option for pin P23/SO1, and controlling the TMIG input
noise canceller.
Upon reset, PMR2 is initialized to H'40.
Bits 7—P2
7/IRQ0 Pin Function Switch (IRQ0): This bit selects whether pin P27/IRQ0 is used as
P2
7 or as IRQ0.
Bit 7: IRQ0
Description
0
Functions as P2
7 input pin
(initial value)
1
Functions as
IRQ
0 input pin
Bit 6—Reserved Bit: Bit 6 is reserved: it is always read as 1, and cannot be modified.
Bit 5—P2
3/SO1 pin PMOS control (POF1): This bit turns on and off the PMOS transistor in the
P2
3/SO1 pin output buffer.
Bit 5: POF1
Description
0
CMOS output
(initial value)
1
NMOS open-drain output
Bit 4—TMIG noise canceller select (NCS): This bit controls the noise canceller circuit for input
capture at pin TMIG.
Bit 4: NCS
Description
0
Noise canceller function not selected
(initial value)
1
Noise canceller function selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com