Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 172Page - Renesas Technology Corp HD6433635SW Datasheet HTML 173Page - Renesas Technology Corp HD6433635SW Datasheet HTML 174Page - Renesas Technology Corp HD6433635SW Datasheet HTML 175Page - Renesas Technology Corp HD6433635SW Datasheet HTML 176Page - Renesas Technology Corp HD6433635SW Datasheet HTML 177Page - Renesas Technology Corp HD6433635SW Datasheet HTML 178Page - Renesas Technology Corp HD6433635SW Datasheet HTML 179Page - Renesas Technology Corp HD6433635SW Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 418 page
background image
162
9.2
Timer A
9.2.1
Overview
Timer A is an 8-bit timer with interval timing and real-time clock time-base functions. The clock
time-base function is available when a 32.768-kHz crystal oscillator is connected. A clock signal
divided from 32.768 kHz or from the system clock can be output at the TMOW pin.
Features: Features of timer A are given below.
• Choice of eight internal clock sources (ø/8192, ø/4096, ø/2048, ø/512, ø/256, ø/128, ø/32, ø/8).
• Choice of four overflow periods (1 s, 0.5 s, 0.25 s, 31.25 ms) when timer A is used as a clock
time base (using a 32.768 kHz crystal oscillator).
• An interrupt is requested when the counter overflows.
• Any of eight clock signals can be output from pin TMOW: 32.768 kHz divided by 32, 16, 8, or
4 (1 kHz, 2 kHz, 4 kHz, 8 kHz), or the system clock divided by 32, 16, 8, or 4.
Block Diagram: Figure 9.1 shows a block diagram of timer A.
ø
PSW
PSS
Legend:
TMOW
1/4
TMA
TCA
ø /32
ø /16
ø /8
ø /4
W
W
W
W
ø/32
ø/16
ø/8
ø/4
ø /128
W
ø/8192, ø/4096, ø/2048,
ø/512, ø/256, ø/128,
ø/32, ø/8
IRRTA
ø /4
W
TMA:
TCA:
IRRTA:
PSW:
PSS:
Note: Can be selected only when the prescaler W output (ø /128) is used as the TCA input clock.
Timer mode register A
Timer counter A
Timer A overflow interrupt request flag
Prescaler W
Prescaler S
W
W
ø
Figure 9.1 Block Diagram of Timer A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com