Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 173Page - Renesas Technology Corp HD6433635SW Datasheet HTML 174Page - Renesas Technology Corp HD6433635SW Datasheet HTML 175Page - Renesas Technology Corp HD6433635SW Datasheet HTML 176Page - Renesas Technology Corp HD6433635SW Datasheet HTML 177Page - Renesas Technology Corp HD6433635SW Datasheet HTML 178Page - Renesas Technology Corp HD6433635SW Datasheet HTML 179Page - Renesas Technology Corp HD6433635SW Datasheet HTML 180Page - Renesas Technology Corp HD6433635SW Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 418 page
background image
163
Pin Configuration: Table 9.2 shows the timer A pin configuration.
Table 9.2
Pin Configuration
Name
Abbrev.
I/O
Function
Clock output
TMOW
Output
Output of waveform generated by timer A output
circuit
Register Configuration: Table 9.3 shows the register configuration of timer A.
Table 9.3
Timer A Registers
Name
Abbrev.
R/W
Initial Value
Address
Timer mode register A
TMA
R/W
H'10
H'FFB0
Timer counter A
TCA
R
H'00
H'FFB1
9.2.2
Register Descriptions
Timer Mode Register A (TMA)
Bit
76543210
TMA7
TMA6
TMA5
—
TMA3
TMA2
TMA1
TMA0
Initial value
00010000
Read/Write
R/W
R/W
R/W
—
R/W
R/W
R/W
R/W
TMA is an 8-bit read/write register for selecting the prescaler, input clock, and output clock.
Upon reset, TMA is initialized to H'10.
Bits 7 to 5—Clock Output Select (TMA7 to TMA5): Bits 7 to 5 choose which of eight clock
signals is output at the TMOW pin. The system clock divided by 32, 16, 8, or 4 can be output in
active mode and sleep mode. A 32.768 kHz signal divided by 32, 16, 8, or 4 can be output in
active mode, sleep mode, and subactive mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com