Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 174Page - Renesas Technology Corp HD6433635SW Datasheet HTML 175Page - Renesas Technology Corp HD6433635SW Datasheet HTML 176Page - Renesas Technology Corp HD6433635SW Datasheet HTML 177Page - Renesas Technology Corp HD6433635SW Datasheet HTML 178Page - Renesas Technology Corp HD6433635SW Datasheet HTML 179Page - Renesas Technology Corp HD6433635SW Datasheet HTML 180Page - Renesas Technology Corp HD6433635SW Datasheet HTML 181Page - Renesas Technology Corp HD6433635SW Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 418 page
background image
164
Bit 7: TMA7
Bit 6: TMA6
Bit 5: TMA5
Clock Output
0
0
0
ø/32
(initial value)
1
ø/16
1
0
ø/8
1
ø/4
100ø
W/32
1ø
W/16
10ø
W/8
1ø
W/4
Bit 4—Reserved Bit: Bit 4 is reserved; it is always read as 1, and cannot be modified.
Bits 3 to 0—Internal Clock Select (TMA3 to TMA0): Bits 3 to 0 select the clock input to TCA.
The selection is made as follows.
Description
Bit 3:
TMA3
Bit 2:
TMA2
Bit 1:
TMA1
Bit 0:
TMA0
Prescaler and Divider Ratio
or Overflow Period
Function
0000
PSS, ø/8192
(initial value)
Interval timer
1
PSS, ø/4096
1
0
PSS, ø/2048
1
PSS, ø/512
1
0
0
PSS, ø/256
1
PSS, ø/128
1
0
PSS, ø/32
1
PSS, ø/8
1000
PSW, 1 s
Clock time base
1
PSW, 0.5 s
1
0
PSW, 0.25 s
1
PSW, 0.03125 s
1
0
0
PSW and TCA are reset
1
10
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com