Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 179Page - Renesas Technology Corp HD6433635SW Datasheet HTML 180Page - Renesas Technology Corp HD6433635SW Datasheet HTML 181Page - Renesas Technology Corp HD6433635SW Datasheet HTML 182Page - Renesas Technology Corp HD6433635SW Datasheet HTML 183Page - Renesas Technology Corp HD6433635SW Datasheet HTML 184Page - Renesas Technology Corp HD6433635SW Datasheet HTML 185Page - Renesas Technology Corp HD6433635SW Datasheet HTML 186Page - Renesas Technology Corp HD6433635SW Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 418 page
background image
169
Pin Configuration: Table 9.5 shows the timer F pin configuration.
Table 9.5
Pin Configuration
Name
Abbrev.
I/O
Function
Timer F event input
TMIF
Input
Event input to TCFL
Timer FH output
TMOFH
Output
Timer FH toggle output
Timer FL output
TMOFL
Output
Timer FL toggle output
Register Configuration: Table 9.6 shows the register configuration of timer F.
Table 9.6
Timer F Registers
Name
Abbrev.
R/W
Initial Value
Address
Timer control register F
TCRF
W
H'00
H'FFB6
Timer control/status register F
TCSRF
R/W
H'00
H'FFB7
8-bit timer counter FH
TCFH
R/W
H'00
H'FFB8
8-bit timer counter FL
TCFL
R/W
H'00
H'FFB9
Output compare register FH
OCRFH
R/W
H'FF
H'FFBA
Output compare register FL
OCRFL
R/W
H'FF
H'FFBB
9.3.2
Register Descriptions
16-Bit Timer Counter (TCF)
8-Bit Timer Counter (TCFH)
8-Bit Timer Counter (TCFL)
TCF
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Initial value
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Read/Write
R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
TCFH
TCFL
TCF is a 16-bit read/write up-counter consisting of two cascaded 8-bit timer counters, TCFH and
TCFL. TCF can be used as a 16-bit counter, with TCFH as the upper 8 bits and TCFL as the lower
8 bits of the counter, or TCFH and TCFL can be used as independent 8-bit counters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com