Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 184 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 180Page - Renesas Technology Corp HD6433635SW Datasheet HTML 181Page - Renesas Technology Corp HD6433635SW Datasheet HTML 182Page - Renesas Technology Corp HD6433635SW Datasheet HTML 183Page - Renesas Technology Corp HD6433635SW Datasheet HTML 184Page - Renesas Technology Corp HD6433635SW Datasheet HTML 185Page - Renesas Technology Corp HD6433635SW Datasheet HTML 186Page - Renesas Technology Corp HD6433635SW Datasheet HTML 187Page - Renesas Technology Corp HD6433635SW Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 418 page
background image
170
TCFH and TCFL can be read and written by the CPU, but in 16-bit mode, data transfer with the
CPU takes place via a temporary register (TEMP). For details see 9.3.3, Interface with the CPU.
Upon reset, TCFH and TCFL are each initialized to H'00.
16-Bit Mode (TCF): 16-bit mode is selected by clearing bit CKSH2 to 0 in timer control register
F (TCRF). The TCF input clock is selected by TCRF bits CKSL2 to CKSL0.
Timer control status register F (TCSRF) can be set so that counter TCF will be cleared by compare
match.
When TCF overflows from H'FFFF to H'0000, the overflow flag (OVFH) in TCSRF is set to 1. If
bit OVIEH in TCSRF is set to 1 when an overflow occurs, bit IRRTFH in interrupt request register
2 (IRR2) will be set to 1; and if bit IENTFH in interrupt enable register 2 (IENR2) is set to 1, a
CPU interrupt will be requested.
8-Bit Mode (TCFH, TCFL): When bit CKSH2 in timer control register F (TCRF) is set to 1,
timer F functions as two separate 8-bit counters, TCFH and TCFL. The TCFH (TCFL) input clock
is selected by TCRF bits CKSH2 to CKSH0 (CKSL2 to CKSL0).
TCFH (TCFL) can be cleared by a compare match signal. This designation is made in bit CCLRH
(CCLRL) in TCSRF.
When TCFH (TCFL) overflows from H'FF to H'00, the overflow flag OVFH (OVFL) in TCSRF is
set to 1. If bit OVIEH (OVIEL) in TCSRF is set to 1 when an overflow occurs, bit IRRTFH
(IRRTHL) in interrupt request register 2 (IRR2) will be set to 1; and if bit IENTFH (IENTFL) in
interrupt enable register 2 (IENR2) is set to 1, a CPU interrupt will be requested.
16-Bit Output Compare Register (OCRF)
8-Bit Output Compare Register (OCRFH)
8-Bit Output Compare Register (OCRFL)
OCRF
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Initial value
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Read/Write
R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
OCRFH
OCRFL
OCRF is a 16-bit read/write output compare register consisting of two 8-bit read/write registers
OCRFH and OCRFL. It can be used as a 16-bit output compare register, with OCRFH as the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com