Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 240 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 240 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 236Page - Renesas Technology Corp HD6433635SW Datasheet HTML 237Page - Renesas Technology Corp HD6433635SW Datasheet HTML 238Page - Renesas Technology Corp HD6433635SW Datasheet HTML 239Page - Renesas Technology Corp HD6433635SW Datasheet HTML 240Page - Renesas Technology Corp HD6433635SW Datasheet HTML 241Page - Renesas Technology Corp HD6433635SW Datasheet HTML 242Page - Renesas Technology Corp HD6433635SW Datasheet HTML 243Page - Renesas Technology Corp HD6433635SW Datasheet HTML 244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 418 page
background image
226
Transmit Data Register (TDR)
Bit
76543210
TDR7
TDR6
TDR5
TDR4
TDR3
TDR2
TDR1
TDR0
Initial value
11111111
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The transmit data register (TDR) is an 8-bit register for holding transmit data.
When SCI3 detects that the transmit shift register (TSR) is empty, it shifts transmit data written in
TDR to TSR and starts serial data transmission. While TSR is transmitting serial data, the next
byte to be transmitted can be written to TDR, realizing continuous transmission.
TDR can be read or written by the CPU at all times.
TDR is initialized to H'FF upon reset or in standby mode, watch mode, subactive mode, or
subsleep mode.
Serial Mode Register (SMR)
Bit
76543210
COM
CHR
PE
PM
STOP
MP
CKS1
CKS0
Initial value
00000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The serial mode register (SMR) is an 8-bit register for setting the serial data communication
format and for selecting the clock source of the baud rate generator. SMR can be read and written
by the CPU at any time.
SMR is initialized to H'00 upon reset or in standby mode, watch mode, subactive mode, or
subsleep mode.
Bit 7—Communication Mode (COM): Bit 7 selects asynchronous mode or synchronous mode as
the serial data communication mode.
Bit 7: COM
Description
0
Asynchronous mode
(initial value)
1
Synchronous mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com