Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 237Page - Renesas Technology Corp HD6433635SW Datasheet HTML 238Page - Renesas Technology Corp HD6433635SW Datasheet HTML 239Page - Renesas Technology Corp HD6433635SW Datasheet HTML 240Page - Renesas Technology Corp HD6433635SW Datasheet HTML 241Page - Renesas Technology Corp HD6433635SW Datasheet HTML 242Page - Renesas Technology Corp HD6433635SW Datasheet HTML 243Page - Renesas Technology Corp HD6433635SW Datasheet HTML 244Page - Renesas Technology Corp HD6433635SW Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 418 page
background image
227
Bit 6—Character Length (CHR): Bit 6 selects either 7 bits or 8 bits as the data length in
asynchronous mode. In synchronous mode the data length is always 8 bits regardless of the setting
here.
Bit 6: CHR
Description
0
8-bit data
(initial value)
1
7-bit data*
Note: * When 7-bit data is selected as the character length in asynchronous mode, the MSB (bit 7)
in the transmit data register is not transmitted.
Bit 5—Parity Enable (PE): In asynchronous mode, bit 5 selects whether or not a parity bit is to
be added to transmitted data and checked in received data. In synchronous mode there is no adding
or checking of parity regardless of the setting here.
Bit 5: PE
Description
0
Parity bit adding and checking disabled
(initial value)
1
Parity bit adding and checking enabled*
Note: * When PE is set to 1, then either odd or even parity is added to transmit data, depending on
the setting of the parity mode bit (PM). When data is received, it is checked for odd or even
parity as designated in bit PM.
Bit 4—Parity Mode (PM): In asynchronous mode, bit 4 selects whether odd or even parity is to
be added to transmitted data and checked in received data. The setting here is valid only if parity
adding/checking is enabled in bit PE. In synchronous mode, or if parity adding/checking is
disabled in asynchronous mode, bit PM is ignored.
Bit 4: PM
Description
0
Even parity*
1
(initial value)
1
Odd parity*
2
Notes: 1. When even parity is designated, a parity bit is added to the transmitted data so that the
sum of 1s in the resulting data is an even number. When data is received, the sum of 1s
in the data plus parity bit is checked to see if the result is an even number.
2. When odd parity is designated, a parity bit is added to the transmitted data so that the
sum of 1s in the resulting data is an odd number. When data is received, the sum of 1s
in the data plus parity bit is checked to see if the result is an odd number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com