Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 238Page - Renesas Technology Corp HD6433635SW Datasheet HTML 239Page - Renesas Technology Corp HD6433635SW Datasheet HTML 240Page - Renesas Technology Corp HD6433635SW Datasheet HTML 241Page - Renesas Technology Corp HD6433635SW Datasheet HTML 242Page - Renesas Technology Corp HD6433635SW Datasheet HTML 243Page - Renesas Technology Corp HD6433635SW Datasheet HTML 244Page - Renesas Technology Corp HD6433635SW Datasheet HTML 245Page - Renesas Technology Corp HD6433635SW Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 418 page
background image
228
Bit 3—Stop Bit Length (STOP): Bit 3 selects 1 bit or 2 bits as the stop bit length in
asynchronous mode. This setting is valid only in asynchronous mode. In synchronous mode a stop
bit is not added, so this bit is ignored.
Bit 3: STOP
Description
0
1 stop bit*
1
(initial value)
1
2 stop bits*
2
Notes: 1. When data is transmitted, one “1” bit is added at the end of each transmitted character
as the stop bit.
2. When data is transmitted, two “1” bits are added at the end of each transmitted
character as the stop bits.
When data is received, only the first stop bit is checked regardless of the stop bit length. If the
second stop bit value is 1 it is treated as a stop bit; if it is 0, it is treated as the start bit of the next
character.
Bit 2—Multiprocessor Mode (MP): Bit 2 enables or disables the multiprocessor communication
function. When the multiprocessor communication function is enabled, the parity enable (PE) and
parity mode (PM) settings are ignored. The MP bit is valid only in asynchronous mode; it should
be cleared to 0 in synchronous mode.
See 10.3.6, for details on the multiprocessor communication function.
Bit 2: MP
Description
0
Multiprocessor communication function disabled
(initial value)
1
Multiprocessor communication function enabled
Bits 1 and 0—Clock Select 1, 0 (CKS1, CKS0): Bits 1 and 0 select the clock source for the built-
in baud rate generator. A choice of ø/64, ø/16, ø/4, or ø is made in these bits.
See 8, Bit rate register, below for information on the clock source and bit rate register settings, and
their relation to the baud rate.
Bit 1: CKS1
Bit 0: CKS0
Description
0
0
ø clock
(initial value)
1
ø/4 clock
1
0
ø/16 clock
1
ø/64 clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com