Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 242Page - Renesas Technology Corp HD6433635SW Datasheet HTML 243Page - Renesas Technology Corp HD6433635SW Datasheet HTML 244Page - Renesas Technology Corp HD6433635SW Datasheet HTML 245Page - Renesas Technology Corp HD6433635SW Datasheet HTML 246Page - Renesas Technology Corp HD6433635SW Datasheet HTML 247Page - Renesas Technology Corp HD6433635SW Datasheet HTML 248Page - Renesas Technology Corp HD6433635SW Datasheet HTML 249Page - Renesas Technology Corp HD6433635SW Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 418 page
background image
232
Serial Status Register (SSR)
Bit
76543210
TDRE
RDRF
OER
FER
PER
TEND
MPBR
MPBT
Initial value
10000100
Read/Write
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R
R
R/W
Note: * Only a write of 0 for flag clearing is possible.
The serial status register (SSR) is an 8-bit register containing status flags for indicating SCI3
states, and containing the multiprocessor bits.
SSR can be read and written by the CPU at any time, but the CPU cannot write a 1 to the status
flags TDRE, RDRF, OER, PER, and FER. To clear these flags to 0 it is first necessary to read a 1.
Bit 2 (TEND) and bit 1 (MPBR) are read-only bits and cannot be modified.
SSR is initialized to H'84 upon reset or in standby mode, watch mode, subactive mode, or
subsleep mode.
Bit 7—Transmit Data Register Empty (TDRE): Bit 7 is a status flag indicating that data has
been transferred from TDR to TSR.
Bit 7: TDRE
Description
0
Indicates that transmit data written to TDR has not been transferred to TSR
[Clearing conditions]
• After reading TDRE = 1, cleared by writing 0 to TDRE.
• When data is written to TDR by an instruction.
1
Indicates that no transmit data has been written to TDR, or the transmit data
written to TDR has been transferred to TSR
(initial value)
[Setting conditions]
• When bit TE in SCR3 is cleared to 0.
• When data is transferred from TDR to TSR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com