Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 257 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 257 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 253Page - Renesas Technology Corp HD6433635SW Datasheet HTML 254Page - Renesas Technology Corp HD6433635SW Datasheet HTML 255Page - Renesas Technology Corp HD6433635SW Datasheet HTML 256Page - Renesas Technology Corp HD6433635SW Datasheet HTML 257Page - Renesas Technology Corp HD6433635SW Datasheet HTML 258Page - Renesas Technology Corp HD6433635SW Datasheet HTML 259Page - Renesas Technology Corp HD6433635SW Datasheet HTML 260Page - Renesas Technology Corp HD6433635SW Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 418 page
background image
243
Table 10.12 SMR and SCR3 Settings and Clock Source Selection
SMR
SCR3
Transmit/Receive Clock
Bit 7:
COM
Bit 1:
CKE1
Bit 0:
CKE0
Mode
Clock
Source
Pin SCK
3 Function
0
0
0
Asynchronous
Internal
I/O port (SCK
3 pin not used)
1
mode
Outputs clock with same frequency as
bit rate
1
0
External
Clock should be input with frequency
16 times the desired bit rate
1
0
0
Synchronous
Internal
Outputs a serial clock
10
mode
External
Inputs a serial clock
0
1
1
Reserved (illegal settings)
10
1
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com