Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 254 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 250Page - Renesas Technology Corp HD6433635SW Datasheet HTML 251Page - Renesas Technology Corp HD6433635SW Datasheet HTML 252Page - Renesas Technology Corp HD6433635SW Datasheet HTML 253Page - Renesas Technology Corp HD6433635SW Datasheet HTML 254Page - Renesas Technology Corp HD6433635SW Datasheet HTML 255Page - Renesas Technology Corp HD6433635SW Datasheet HTML 256Page - Renesas Technology Corp HD6433635SW Datasheet HTML 257Page - Renesas Technology Corp HD6433635SW Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 418 page
background image
240
Table 10.9
Typical BRR Settings and Bit Rates (Synchronous Mode)
OSC (MHz)
Bit Rate
24
8
10
(bits/s)
n
N
n
N
n
N
n
N
110
—
—
——
——
——
250
1
249
2
124
2
249
—
—
500
1
124
1
249
2
124
—
—
1K
0
249
1
124
1
249
—
—
2.5K
0
99
0
199
1
99
1
124
5K
0
49
0
99
0
199
0
249
10K
0
24
0
49
0
99
0
124
25K
0
9
0
19
0
39
0
49
50K
0
4
0
9
0
19
0
24
100K
—
—
0
4
0
9
—
—
250K
0
0*
01
03
04
500K
0
0*
01
—
—
1M
0
0*
——
2.5M
Blank: Cannot be set
—:
Can be set, but error will result
*:
Continuous transmit/receive operation is not possible at this setting
Note:
BRR setting values are derived by the following equation.
N =
× 106 – 1
OSC
8
× 22n × B
B:
Bit rate (bits/s)
N:
BRR baud rate generator setting (0
≤ N ≤ 255)
OSC: Value of ø
OSC (MHz)
n:
Baud rate generator input clock number (n = 0, 1, 2, 3)
The meaning of n is shown in table 10.10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com