Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 251 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 251 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 247Page - Renesas Technology Corp HD6433635SW Datasheet HTML 248Page - Renesas Technology Corp HD6433635SW Datasheet HTML 249Page - Renesas Technology Corp HD6433635SW Datasheet HTML 250Page - Renesas Technology Corp HD6433635SW Datasheet HTML 251Page - Renesas Technology Corp HD6433635SW Datasheet HTML 252Page - Renesas Technology Corp HD6433635SW Datasheet HTML 253Page - Renesas Technology Corp HD6433635SW Datasheet HTML 254Page - Renesas Technology Corp HD6433635SW Datasheet HTML 255Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 418 page
background image
237
Table 10.6
BRR Settings and Bit Rates in Asynchronous Mode
OSC (MHz)
2
2.4576
4
4.194304
Bit Rate
(bits/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
110
1
70
+0.03
1
86
+0.31
1
141
+0.03
1
148
–0.04
150
0
207
+0.16
0
255
0
1
103
+0.16
1
108
+0.21
300
0
103
+0.16
0
127
0
0
207
+0.16
0
217
+0.21
600
0
51
+0.16
0
63
0
0
103
+0.16
0
108
+0.21
1200
0
25
+0.16
0
31
0
0
51
+0.16
0
54
–0.70
2400
0
12
+0.16
0
15
0
0
25
+0.16
0
26
+1.14
4800
—
—
—
0
7
0
0
12
+0.16
0
13
–2.48
9600
—
—
—
0
3
0
—
—
—
0
6
–2.48
19200
—
—
—
0
1
0
—
—
—
—
—
—
31250
0
0
0
—
—
—
0
1
0
—
—
—
38400
—
—
—
0
0
0
—
—
—
—
—
—
Table 10.6
BRR Settings and Bit Rates in Asynchronous Mode (cont)
OSC (MHz)
4.9152
6
7.3728
8
Bit Rate
(bits/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
110
1
174
–0.26
1
212
+0.03
2
64
+0.70
2
70
+0.03
150
1
127
0
1
155
+0.16
1
191
0
1
207
+0.16
300
0
255
0
1
77
+0.16
1
95
0
1
103
+0.16
600
0
127
0
0
155
+0.16
0
191
0
0
207
+0.16
1200
0
63
0
0
77
+0.16
0
95
0
0
103
+0.16
2400
0
31
0
0
38
+0.16
0
47
0
0
51
+0.16
4800
0
15
0
0
19
–2.34
0
23
0
0
25
+0.16
9600
0
7
0
0
9
–2.34
0
11
0
0
12
+0.16
19200
0
3
0
0
4
–2.34
0
5
0
—
—
—
31250
—
—
—
0
2
0
—
—
—
0
3
0
38400
0
1
0
—
—
—
0
2
0
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com