Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 252Page - Renesas Technology Corp HD6433635SW Datasheet HTML 253Page - Renesas Technology Corp HD6433635SW Datasheet HTML 254Page - Renesas Technology Corp HD6433635SW Datasheet HTML 255Page - Renesas Technology Corp HD6433635SW Datasheet HTML 256Page - Renesas Technology Corp HD6433635SW Datasheet HTML 257Page - Renesas Technology Corp HD6433635SW Datasheet HTML 258Page - Renesas Technology Corp HD6433635SW Datasheet HTML 259Page - Renesas Technology Corp HD6433635SW Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 418 page
background image
242
 When an external clock is selected: The internal baud rate generator is not used.
Operation is synchronous with the input clock.
Table 10.11 SMR Settings and SCI3 Communication Format
SMR Setting
Communication Format
Bit 7:
COM
Bit 6:
CHR
Bit 2:
MP
Bit 5:
PE
Bit 3:
STOP Mode
Data Length
Multipro-
cessor Bit
Parity
Bit
Stop Bit
Length
00000
Asynchronous
8-bit data
None
None
1 bit
1
mode
2 bits
1
0
Yes
1 bit
1
2 bits
1
0
0
7-bit data
None
1 bit
1
2 bits
1
0
Yes
1 bit
1
2 bits
01
*
0
Asynchronous
8-bit data
Yes
None
1 bit
*
1
mode
2 bits
1
*
0
(multiprocessor
7-bit data
1 bit
*
1
format)
2 bits
1
*
0
**
Synchronous
mode
8-bit data
None
None
None
Note: * Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com