Electronic Components Datasheet Search
  English  ▼

X  

SH7263 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # SH7263
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1862 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7263 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button SH7263 Datasheet HTML 31Page - Renesas Technology Corp SH7263 Datasheet HTML 32Page - Renesas Technology Corp SH7263 Datasheet HTML 33Page - Renesas Technology Corp SH7263 Datasheet HTML 34Page - Renesas Technology Corp SH7263 Datasheet HTML 35Page - Renesas Technology Corp SH7263 Datasheet HTML 36Page - Renesas Technology Corp SH7263 Datasheet HTML 37Page - Renesas Technology Corp SH7263 Datasheet HTML 38Page - Renesas Technology Corp SH7263 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 1862 page
background image
Section 1 Overview
Rev. 2.00 Mar. 14, 2008 Page 1 of 1824
REJ09B0290-0200
Section 1 Overview
1.1
SH7263 Features
This LSI is a single-chip RISC (reduced instruction set computer) microcontroller that includes a
Renesas Technology-original RISC CPU as its core, and the peripheral functions required to
configure a system.
The CPU in this LSI is the SH-2A CPU that provides upward compatibility for SH-1, SH-2, and
SH-2E CPUs at object code level. It has a RISC-type instruction set and uses a superscalar
architecture and a Harvard architecture, which greatly improves instruction execution speed. In
addition, the 32-bit internal-bus architecture that is independent from the direct memory access
controller (DMAC) enhances data processing power. This CPU brings the user the ability to set up
high-performance systems with strong functionality at less expense than was achievable with
previous microcontrollers, and is even able to handle realtime control applications requiring high-
speed characteristics.
This LSI has a floating-point unit (FPU) and cache. In addition, this LSI includes on-chip
peripheral functions necessary for system configuration, such as 64-Kbyte RAM for high-speed
operation, 16-Kbyte RAM for data retention, a multi-function timer pulse unit 2 (MTU2), a
compare match timer (CMT), a realtime clock (RTC), a serial communication interface with FIFO
(SCIF), a synchronous serial communication unit (SSU), an I
2C bus interface 3 (IIC3), a serial
sound interface (SSI), a controller area network (RCAN-TL1), an IEBus
TM*1 controller (IEB)*2, a
CD-ROM decoder (ROM-DEC), an A/D converter, a D/A converter, an AND/NAND flash
memory controller (FLCTL), a USB2.0 host/function module (USB), a sampling rate converter
(SRC), an SD host interface (SDHI)*
3, an interrupt controller (INTC), and I/O ports.
This LSI also provides an external memory access support function to enable direct connection to
various memory devices or peripheral LSIs. These on-chip functions significantly reduce costs of
designing and manufacturing application systems. Furthermore, I/O pins in this LSI have weak
keeper circuits that prevent the pin voltage from entering an intermediate potential range.
Therefore, no external circuits to fix the input level are required, which reduces the parts number
considerably.
The features of this LSI are listed in table 1.1.
Notes: 1. IEBus
TM (Inter Equipment BusTM) is a trademark of NEC Electronics Corporation.
2. It is included in R5S72632P200FP and R5S72633P200FP.
3. It is included in R5S72631P200FP and R5S72633P200FP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com