Electronic Components Datasheet Search
  English  ▼

X  

SH7263 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # SH7263
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1862 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7263 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button SH7263 Datasheet HTML 87Page - Renesas Technology Corp SH7263 Datasheet HTML 88Page - Renesas Technology Corp SH7263 Datasheet HTML 89Page - Renesas Technology Corp SH7263 Datasheet HTML 90Page - Renesas Technology Corp SH7263 Datasheet HTML 91Page - Renesas Technology Corp SH7263 Datasheet HTML 92Page - Renesas Technology Corp SH7263 Datasheet HTML 93Page - Renesas Technology Corp SH7263 Datasheet HTML 94Page - Renesas Technology Corp SH7263 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 1862 page
background image
Section 2 CPU
Rev. 2.00 Mar. 14, 2008 Page 57 of 1824
REJ09B0290-0200
2.3.3
Instruction Format
The instruction formats and the meaning of source and destination operands are described below.
The meaning of the operand depends on the instruction code. The symbols used are as follows:
• xxxx: Instruction code
• mmmm: Source register
• nnnn: Destination register
• iiii: Immediate data
• dddd: Displacement
Table 2.9
Instruction Formats
Instruction Formats
Source
Operand
Destination
Operand
Example
0 format
xxxx
xxxx
xxxx
xxxx
15
0
—
—
NOP
—
nnnn: Register
direct
MOVT
Rn
n format
xxxx
xxxx
xxxx
nnnn
15
0
Control register or
system register
nnnn: Register
direct
STS
MACH,Rn
R0 (Register direct) nnnn: Register
direct
DIVU
R0,Rn
Control register or
system register
nnnn: Register
indirect with pre-
decrement
STC.L SR,@-Rn
mmmm: Register
direct
R15 (Register
indirect with pre-
decrement)
MOVMU.L
Rm,@-R15
R15 (Register
indirect with post-
increment)
nnnn: Register
direct
MOVMU.L
@R15+,Rn
R0 (Register direct) nnnn: (Register
indirect with post-
increment)
MOV.L R0,@Rn+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com