Electronic Components Datasheet Search
  English  ▼

X  

SH7263 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # SH7263
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1862 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7263 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button SH7263 Datasheet HTML 66Page - Renesas Technology Corp SH7263 Datasheet HTML 67Page - Renesas Technology Corp SH7263 Datasheet HTML 68Page - Renesas Technology Corp SH7263 Datasheet HTML 69Page - Renesas Technology Corp SH7263 Datasheet HTML 70Page - Renesas Technology Corp SH7263 Datasheet HTML 71Page - Renesas Technology Corp SH7263 Datasheet HTML 72Page - Renesas Technology Corp SH7263 Datasheet HTML 73Page - Renesas Technology Corp SH7263 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 1862 page
background image
Section 1 Overview
Rev. 2.00 Mar. 14, 2008 Page 36 of 1824
REJ09B0290-0200
Function 1
Function 2
Function 3
Pin
No.
Symbol
I/O
Symbol
I/O
Symbol
I/O
181
PB2
I(s)
SCL1
I(s)/O(o)
PINT2
I(s)
182
PB3
I(s)
SDA1
I(s)/O(o)
PINT3
I(s)
183
PVcc
184
PVcc
185
PB4
I(s)
SCL2
I(s)/O(o)
PINT4
I(s)
186
PB5
I(s)
SDA2
I(s)/O(o)
PINT5
I(s)
187
PVss
188
Vss
189
PB6
I(s)
SCL3
I(s)/O(o)
PINT6
I(s)
190
PB7
I(s)
SDA3
I(s)/O(o)
PINT7
I(s)
191
Vcc
192
PD15
I/O
D31
I/O
PINT7
I(s)
193
PD14
I/O
D30
I/O
PINT6
I(s)
194
PD13
I/O
D29
I/O
PINT5
I(s)
Function 4
Function 5
Function 6
Pin
No.
Symbol
I/O
Symbol
I/O
Symbol
I/O
Weak
keeper
Pull-
up
181 IRQ2
I(s)
⎯
⎯
⎯
⎯
182 IRQ3
I(s)
⎯
⎯
⎯
⎯
183
184
185 IRQ4
I(s)
⎯
⎯
⎯
⎯
186 IRQ5
I(s)
⎯
⎯
⎯
⎯
187
188
189 IRQ6
I(s)
⎯
⎯
⎯
⎯
190 IRQ7
I(s)
⎯
⎯
⎯
⎯
191
192 SD_CD
I
ADTRG
I(s)
TIOC4D
I(s)/O
Yes
193 SD_WP
I
⎯
⎯
TIOC4C
I(s)/O
Yes
194 SD_D1
I/O
TEND1
O
TIOC4B
I(s)/O
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com