Electronic Components Datasheet Search
  English  ▼

X  

SH7263 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # SH7263
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1862 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7263 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button SH7263 Datasheet HTML 38Page - Renesas Technology Corp SH7263 Datasheet HTML 39Page - Renesas Technology Corp SH7263 Datasheet HTML 40Page - Renesas Technology Corp SH7263 Datasheet HTML 41Page - Renesas Technology Corp SH7263 Datasheet HTML 42Page - Renesas Technology Corp SH7263 Datasheet HTML 43Page - Renesas Technology Corp SH7263 Datasheet HTML 44Page - Renesas Technology Corp SH7263 Datasheet HTML 45Page - Renesas Technology Corp SH7263 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 1862 page
background image
Section 1 Overview
Rev. 2.00 Mar. 14, 2008 Page 8 of 1824
REJ09B0290-0200
Items
Specification
AND/NAND flash
memory controller
(FLCTL)
• Direct-connected memory interface with AND-/NAND-type flash
memory
• Read/write in sectors
• Two types of transfer modes: Command access mode and sector
access mode (512-byte data + 16-byte management code: with ECC)
• Interrupt request and DMAC transfer request
• Supports flash memory requiring 5-byte addresses (2 Gbits and more)
USB2.0 host/function
module (USB)
• Conforms to the Universal Serial Bus Specification Revision 2.0
• 480-Mbps and 12-Mbps transfer rates provided
• Can be used as function
• Software setting supported
• On-chip 8-Kbyte RAM as communication buffers
Sampling rate
converter (SRC)
• Data format: 32-bit stereo (16 bits each to L/R), 16-bit monaural
• Input sampling rate: 8/11.025/12/16/22.05/24/32/44.1/48 kHz
• Output sampling rate: 44.1/48 kHz
LCD controller (LCDC) •
From 16
× 1 to 1024 × 1024 dots supported
• Supports 4/8/15/16-bpp color modes
• Supports 1/2/4/6-bpp gray scale modes
• TFT/DSTN/STN panels supported
• Signal polarity setting function
• 24-bit color pallet memory (16 of the 24 bits are valid; R:5/G:6/B:5)
• Unified graphics memory architecture
SD host interface
(SDHI)
Note:
SDHI is included or
not depending on the
product code.
• SD memory I/O card interface (1-/4-bits SD bus)
• Error check function: CRC7 (command), CRC16 (data)
• MMC (MultiMediaCard) access
• Interrupt requests
⎯ Card access interrupt
⎯ SDIO access interrupt
⎯ Card detect interrupt
• DMA transfer requests
⎯ SD_BUF write
⎯ SD_BUF read
• Card detect function, write protect supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com