Electronic Components Datasheet Search
  English  ▼

X  

SH7263 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # SH7263
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1862 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7263 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button SH7263 Datasheet HTML 37Page - Renesas Technology Corp SH7263 Datasheet HTML 38Page - Renesas Technology Corp SH7263 Datasheet HTML 39Page - Renesas Technology Corp SH7263 Datasheet HTML 40Page - Renesas Technology Corp SH7263 Datasheet HTML 41Page - Renesas Technology Corp SH7263 Datasheet HTML 42Page - Renesas Technology Corp SH7263 Datasheet HTML 43Page - Renesas Technology Corp SH7263 Datasheet HTML 44Page - Renesas Technology Corp SH7263 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 1862 page
background image
Section 1 Overview
Rev. 2.00 Mar. 14, 2008 Page 7 of 1824
REJ09B0290-0200
Items
Specification
IEBus
TM controller
(IEB)
Note:
IEB is included or not
depending on the
product code.
• IEBus protocol control (layer 2) supported
⎯ Half-duplex asynchronous communications
⎯ Multi-master system
⎯ Broadcast communications function
⎯ Selectable mode (three types) with different transfer speeds
• On-chip buffers (dual port RAM) for data transmission and reception
that enable up to 128 bytes of consecutive transmit/reception
(maximum number of transfer bytes in mode 2)
• Operating frequency
⎯ 12 MHz, 12.58 MHz
(IEB uses 1/2 divided clocks of P
φ, AUDIO_X1, or AUDIO_X2.)
⎯ 18 MHz, 18.87 MHz
(IEB uses 1/3 divided clocks of P
φ, AUDIO_X1, or AUDIO_X2.)
⎯ 24 MHz, 25.16 MHz
(IEB uses 1/4 divided clocks of P
φ, AUDIO_X1, or AUDIO_X2.)
⎯ 30 MHz, 31.45 MHz
(IEB uses 1/5 divided clocks of P
φ, AUDIO_X1, or AUDIO_X2.)
⎯ 36 MHz, 37.74 MHz
(IEB uses 1/6 divided clocks of AUDIO_X1 or AUDIO_X2.)
CD-ROM decoder
(ROM-DEC)
• Support of five formats: mode 0, mode 1, mode 2, mode 2 form 1, and
mode 2 form 2
• Sync codes detection and protection
(Protection: When a sync code is not detected, it is automatically
inserted.)
• Descrambling
• ECC correction
⎯ P, Q, PQ, and QP correction
⎯ PQ or QP correction can be repeated up to three times
• EDC check
Performed before and after ECC
• Mode and form are automatically detected
• Link sectors are automatically detected
• Buffering data control
Buffering CD-ROM data including Sync code is transferred in specified
format, after the data is descrambled, corrected by ECC, and checked
by EDC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com