Electronic Components Datasheet Search
  English  ▼

X  

SH7263 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # SH7263
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1862 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7263 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button SH7263 Datasheet HTML 94Page - Renesas Technology Corp SH7263 Datasheet HTML 95Page - Renesas Technology Corp SH7263 Datasheet HTML 96Page - Renesas Technology Corp SH7263 Datasheet HTML 97Page - Renesas Technology Corp SH7263 Datasheet HTML 98Page - Renesas Technology Corp SH7263 Datasheet HTML 99Page - Renesas Technology Corp SH7263 Datasheet HTML 100Page - Renesas Technology Corp SH7263 Datasheet HTML 101Page - Renesas Technology Corp SH7263 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 1862 page
background image
Section 2 CPU
Rev. 2.00 Mar. 14, 2008 Page 64 of 1824
REJ09B0290-0200
Classification Types
Operation
Code
Function
No. of
Instructions
14
CLRT
T bit clear
36
CLRMAC
MAC register clear
System
control
LDBANK
Register restoration from specified register
bank entry
LDC
Load to control register
LDS
Load to system register
NOP
No operation
RESBANK Register restoration from register bank
RTE
Return from exception handling
SETT
T bit set
SLEEP
Transition to power-down mode
STBANK
Register save to specified register bank entry
STC
Store control register data
STS
Store system register data
TRAPA
Trap exception handling
19
FABS
Floating-point absolute value
48
Floating-point
instructions
FADD
Floating-point addition
FCMP
Floating-point comparison
FCNVDS
Conversion from double-precision to single-
precision
FCNVSD
Conversion from single-precision to double -
precision
FDIV
Floating-point division
FLDI0
Floating-point load immediate 0
FLDI1
Floating-point load immediate 1
FLDS
Floating-point load into system register FPUL
FLOAT
Conversion from integer to floating-point
FMAC
Floating-point multiply and accumulate
operation
FMOV
Floating-point data transfer
FMUL
Floating-point multiplication
FNEG
Floating-point sign inversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com