Electronic Components Datasheet Search
  English  ▼

X  

SH7263 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # SH7263
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1862 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7263 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button SH7263 Datasheet HTML 43Page - Renesas Technology Corp SH7263 Datasheet HTML 44Page - Renesas Technology Corp SH7263 Datasheet HTML 45Page - Renesas Technology Corp SH7263 Datasheet HTML 46Page - Renesas Technology Corp SH7263 Datasheet HTML 47Page - Renesas Technology Corp SH7263 Datasheet HTML 48Page - Renesas Technology Corp SH7263 Datasheet HTML 49Page - Renesas Technology Corp SH7263 Datasheet HTML 50Page - Renesas Technology Corp SH7263 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 1862 page
background image
Section 1 Overview
Rev. 2.00 Mar. 14, 2008 Page 13 of 1824
REJ09B0290-0200
1.5
Pin Functions
Table 1.3
Pin Functions
Classification
Symbol
I/O
Name
Function
Vcc
I
Power supply
Power supply pins. All the Vcc pins
must be connected to the system
power supply. This LSI does not
operate correctly if there is a pin left
open.
Vss
I
Ground
Ground pins. All the Vss pins must
be connected to the system power
supply (0 V). This LSI does not
operate correctly if there is a pin left
open.
PVcc
I
Power supply for
I/O circuits
Power supply for I/O pins. All the
PVcc pins must be connected to the
system power supply. This LSI does
not operate correctly if there is a pin
left open.
PVss
I
Ground for I/O
circuits
Ground pins for I/O pins. All the
PVss pins must be connected to the
system power supply (0 V). This LSI
does not operate correctly if there is
a pin left open.
PLLVcc
I
Power supply for
PLL
Power supply for the on-chip PLL
oscillator.
Power supply
PLLVss
I
Ground for PLL
Ground pin for the on-chip PLL
oscillator.
Clock
EXTAL
I
External clock
Connected to a crystal resonator. An
external clock signal may also be
input to the EXTAL pin.
XTAL
O
Crystal
Connected to a crystal resonator.
CKIO
I/O
System clock I/O Inputs an external clock or supplies
the system clock to external devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com