Electronic Components Datasheet Search
  English  ▼

X  

SH7263 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # SH7263
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1862 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7263 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button SH7263 Datasheet HTML 23Page - Renesas Technology Corp SH7263 Datasheet HTML 24Page - Renesas Technology Corp SH7263 Datasheet HTML 25Page - Renesas Technology Corp SH7263 Datasheet HTML 26Page - Renesas Technology Corp SH7263 Datasheet HTML 27Page - Renesas Technology Corp SH7263 Datasheet HTML 28Page - Renesas Technology Corp SH7263 Datasheet HTML 29Page - Renesas Technology Corp SH7263 Datasheet HTML 30Page - Renesas Technology Corp SH7263 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 1862 page
background image
Rev. 2.00 Mar. 14, 2008 Page xxvii of xxxiv
REJ09B0290-0200
24.3.2 Command Control Register (FLCMDCR).......................................................... 1194
24.3.3 Command Code Register (FLCMCDR) ............................................................. 1197
24.3.4 Address Register (FLADR) ................................................................................ 1198
24.3.5 Address Register 2 (FLADR2) ........................................................................... 1200
24.3.6 Data Counter Register (FLDTCNTR)................................................................. 1201
24.3.7 Data Register (FLDATAR)................................................................................. 1202
24.3.8 Interrupt DMA Control Register (FLINTDMACR) ........................................... 1203
24.3.9 Ready Busy Timeout Setting Register (FLBSYTMR) ....................................... 1209
24.3.10 Ready Busy Timeout Counter (FLBSYCNT)..................................................... 1210
24.3.11 Data FIFO Register (FLDTFIFO)....................................................................... 1211
24.3.12 Control Code FIFO Register (FLECFIFO) ......................................................... 1212
24.3.13 Transfer Control Register (FLTRCR)................................................................. 1213
24.4
Operation ......................................................................................................................... 1214
24.4.1 Access Sequence................................................................................................. 1214
24.4.2 Operating Modes................................................................................................. 1215
24.4.3 Register Setting Procedure.................................................................................. 1216
24.4.4 Command Access Mode ..................................................................................... 1217
24.4.5 Sector Access Mode............................................................................................ 1222
24.4.6 ECC Error Correction ......................................................................................... 1224
24.4.7 Status Read ......................................................................................................... 1225
24.5
Interrupt Sources.............................................................................................................. 1227
24.6
DMA Transfer Specifications .......................................................................................... 1228
Section 25 USB 2.0 Host/Function Module (USB) .........................................1229
25.1
Features............................................................................................................................ 1229
25.2
Input/Output Pins ............................................................................................................. 1231
25.3
Register Description......................................................................................................... 1233
25.3.1 System Configuration Control Register (SYSCFG) ........................................... 1235
25.3.2 System Configuration Status Register (SYSSTS)............................................... 1237
25.3.3 Device State Control Register (DVSTCTR) ....................................................... 1239
25.3.4 Test Mode Register (TESTMODE) .................................................................... 1243
25.3.5 FIFO Port Configuration Registers (CFBCFG, D0FBCFG, D1FBCFG) ........... 1245
25.3.6 FIFO Port Registers (CFIFO, D0FIFO, D1FIFO) .............................................. 1248
25.3.7 FIFO Port Select Registers (CFIFOSEL, D0FIFOSEL, D1FIFOSEL)............... 1249
25.3.8 FIFO Port Control Registers (CFIFOCTR, D0FIFOCTR, D1FIFOCTR) .......... 1253
25.3.9 FIFO Port SIE Register (CFIFOSIE) .................................................................. 1255
25.3.10 Transaction Counter Registers (D0FIFOTRN, D1FIFOTRN)............................ 1256
25.3.11 Interrupts Enable Register 0 (INTENB0) ........................................................... 1257
25.3.12 Interrupt Enabled Register 1 (INTENB1) ........................................................... 1260
25.3.13 BRDY Interrupts Enable Register (BRDYENB) ................................................ 1262



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com