Electronic Components Datasheet Search
  English  ▼

X  

SH7263 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # SH7263
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1862 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7263 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button SH7263 Datasheet HTML 26Page - Renesas Technology Corp SH7263 Datasheet HTML 27Page - Renesas Technology Corp SH7263 Datasheet HTML 28Page - Renesas Technology Corp SH7263 Datasheet HTML 29Page - Renesas Technology Corp SH7263 Datasheet HTML 30Page - Renesas Technology Corp SH7263 Datasheet HTML 31Page - Renesas Technology Corp SH7263 Datasheet HTML 32Page - Renesas Technology Corp SH7263 Datasheet HTML 33Page - Renesas Technology Corp SH7263 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 1862 page
background image
Rev. 2.00 Mar. 14, 2008 Page xxx of xxxiv
REJ09B0290-0200
Section 27 Sampling Rate Converter (SRC) ................................................... 1433
27.1
Features............................................................................................................................ 1433
27.2
Register Descriptions ....................................................................................................... 1435
27.2.1 SRC Input Data Register (SRCID) ..................................................................... 1435
27.2.2 SRC Output Data Register (SRCOD) ................................................................. 1436
27.2.3 SRC Input Data Control Register (SRCIDCTRL) .............................................. 1437
27.2.4 SRC Output Data Control Register (SRCODCTRL).......................................... 1438
27.2.5 SRC Control Register (SRCCTRL) .................................................................... 1440
27.2.6 SRC Status Register (SRCSTAT)....................................................................... 1443
27.3
Operation ......................................................................................................................... 1447
27.3.1 Initial Setting ...................................................................................................... 1447
27.3.2 Data Input ........................................................................................................... 1448
27.3.3 Data Output......................................................................................................... 1449
27.4
Interrupts.......................................................................................................................... 1451
27.5
Usage Note....................................................................................................................... 1452
27.5.1 Note on Register Access ..................................................................................... 1452
27.5.2 Note on Flush Processing ................................................................................... 1452
Section 28 SD Host Interface (SDHI) ............................................................. 1453
Section 29 Pin Function Controller (PFC) ...................................................... 1455
29.1
Features............................................................................................................................ 1461
29.2
Register Descriptions ....................................................................................................... 1462
29.2.1 Port B I/O Register L (PBIORL) ........................................................................ 1463
29.2.2 Port B Control Registers L1 to L4 (PBCRL1 to PBCRL4) ................................ 1464
29.2.3 Port C I/O Register L (PCIORL) ........................................................................ 1469
29.2.4 Port C Control Register L1 to L4 (PCCRL1 to PCCRL4).................................. 1469
29.2.5 Port D I/O Register L (PDIORL)........................................................................ 1475
29.2.6 Port D Control Registers L1 to L4 (PDCRL1 to PDCRL4)................................ 1475
29.2.7 Port E I/O Register L (PEIORL)......................................................................... 1492
29.2.8 Port E Control Registers L1 to L4 (PECRL1 to PECRL4) ................................. 1492
29.2.9 Port F I/O Registers H, L (PFIORH, PFIORL)................................................... 1499
29.2.10 Port F Control Registers H1 to H4, L1 to L4
(PFCRH1 to PFCRH4, PFCRL1 to PFCRL4) .................................................... 1500
29.2.11 IRQOUT Function Control Register (IFCR) ...................................................... 1514
29.2.12 SSI Oversampling Clock Selection Register (SCSR) ......................................... 1515
29.3
Switching Pin Function of Port A .................................................................................... 1517
29.4
Usage Notes ..................................................................................................................... 1518



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com