Electronic Components Datasheet Search
  English  ▼

X  

SH7263 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # SH7263
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1862 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7263 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button SH7263 Datasheet HTML 25Page - Renesas Technology Corp SH7263 Datasheet HTML 26Page - Renesas Technology Corp SH7263 Datasheet HTML 27Page - Renesas Technology Corp SH7263 Datasheet HTML 28Page - Renesas Technology Corp SH7263 Datasheet HTML 29Page - Renesas Technology Corp SH7263 Datasheet HTML 30Page - Renesas Technology Corp SH7263 Datasheet HTML 31Page - Renesas Technology Corp SH7263 Datasheet HTML 32Page - Renesas Technology Corp SH7263 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 1862 page
background image
Rev. 2.00 Mar. 14, 2008 Page xxix of xxxiv
REJ09B0290-0200
Section 26 LCD Controller (LCDC)................................................................1365
26.1
Features............................................................................................................................ 1365
26.2
Input/Output Pins ............................................................................................................. 1367
26.3
Register Configuration..................................................................................................... 1368
26.3.1 LCDC Input Clock Register (LDICKR) ............................................................. 1369
26.3.2 LCDC Module Type Register (LDMTR) ........................................................... 1371
26.3.3 LCDC Data Format Register (LDDFR).............................................................. 1374
26.3.4 LCDC Scan Mode Register (LDSMR) ............................................................... 1376
26.3.5 LCDC Start Address Register for Upper Display Data Fetch (LDSARU) ......... 1378
26.3.6 LCDC Start Address Register for Lower Display Data Fetch (LDSARL) ......... 1379
26.3.7 LCDC Line Address Offset Register for Display Data Fetch (LDLAOR) ......... 1380
26.3.8 LCDC Palette Control Register (LDPALCR)..................................................... 1381
26.3.9 Palette Data Registers 00 to FF (LDPR00 to LDPRFF) ..................................... 1382
26.3.10 LCDC Horizontal Character Number Register (LDHCNR) ............................... 1383
26.3.11 LCDC Horizontal Sync Signal Register (LDHSYNR) ....................................... 1384
26.3.12 LCDC Vertical Display Line Number Register (LDVDLNR) ........................... 1385
26.3.13 LCDC Vertical Total Line Number Register (LDVTLNR)................................ 1386
26.3.14 LCDC Vertical Sync Signal Register (LDVSYNR) ........................................... 1387
26.3.15 LCDC AC Modulation Signal Toggle Line Number Register (LDACLNR) ..... 1388
26.3.16 LCDC Interrupt Control Register (LDINTR) ..................................................... 1389
26.3.17 LCDC Power Management Mode Register (LDPMMR) ................................... 1392
26.3.18 LCDC Power-Supply Sequence Period Register (LDPSPR) .............................. 1394
26.3.19 LCDC Control Register (LDCNTR)................................................................... 1396
26.3.20 LCDC User Specified Interrupt Control Register (LDUINTR) .......................... 1397
26.3.21 LCDC User Specified Interrupt Line Number Register (LDUINTLNR) ........... 1399
26.3.22 LCDC Memory Access Interval Number Register (LDLIRNR) ........................ 1400
26.4
Operation ......................................................................................................................... 1401
26.4.1 LCD Module Sizes which can be Displayed in this LCDC ................................ 1401
26.4.2 Limits on the Resolution of Rotated Displays, Burst Length,
and Connected Memory (SDRAM) .................................................................... 1402
26.4.3 Color Palette Specification ................................................................................. 1409
26.4.4 Data Format ........................................................................................................ 1410
26.4.5 Setting the Display Resolution............................................................................ 1413
26.4.6 Power Management Registers............................................................................. 1413
26.4.7 Operation for Hardware Rotation ....................................................................... 1418
26.5
Clock and LCD Data Signal Examples ............................................................................ 1421
26.6
Usage Notes ..................................................................................................................... 1431
26.6.1 Procedure for Halting Access to Display Data Storage VRAM
(Synchronous DRAM in Area 3) ........................................................................ 1431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com