Electronic Components Datasheet Search
  English  ▼

X  

SH7263 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # SH7263
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1862 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7263 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button SH7263 Datasheet HTML 67Page - Renesas Technology Corp SH7263 Datasheet HTML 68Page - Renesas Technology Corp SH7263 Datasheet HTML 69Page - Renesas Technology Corp SH7263 Datasheet HTML 70Page - Renesas Technology Corp SH7263 Datasheet HTML 71Page - Renesas Technology Corp SH7263 Datasheet HTML 72Page - Renesas Technology Corp SH7263 Datasheet HTML 73Page - Renesas Technology Corp SH7263 Datasheet HTML 74Page - Renesas Technology Corp SH7263 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 1862 page
background image
Section 1 Overview
Rev. 2.00 Mar. 14, 2008 Page 37 of 1824
REJ09B0290-0200
Function 1
Function 2
Function 3
Pin
No.
Symbol
I/O
Symbol
I/O
Symbol
I/O
195
PD12
I/O
D28
I/O
PINT4
I(s)
196
PVss
197
PD11
I/O
D27
I/O
PINT3
I(s)
198
PVcc
199
PD10
I/O
D26
I/O
PINT2
I(s)
200
PD9
I/O
D25
I/O
PINT1
I(s)
201
PD8
I/O
D24
I/O
PINT0
I(s)
202
PD7
I/O
D23
I/O
IRQ7
I(s)
203
PD6
I/O
D22
I/O
IRQ6
I(s)
204
Vcc
205
PD5
I/O
D21
I/O
IRQ5
I(s)
206
Vss
207
PVss
208
PD4
I/O
D20
I/O
IRQ4
I(s)
Function 4
Function 5
Function 6
Pin
No.
Symbol
I/O
Symbol
I/O
Symbol
I/O
Weak
keeper
Pull-
up
195 SD_D0
I/O
DACK1
O
TIOC4A
I(s)/O
Yes
196
197 SD_CLK
O
DREQ1
I(s)
TIOC3D
I(s)/O
Yes
198
199 SD_CMD
I/O
TEND0
O
TIOC3C
I(s)/O
Yes
200 SD_D3
I/O
DACK0
O
TIOC3B
I(s)/O
Yes
201 SD_D2
I/O
DREQ0
I(s)
TIOC3A
I(s)/O
Yes
202
SCS1
I(s)/O
TCLKD
I(s)
TIOC2B
I(s)/O
Yes
203 SSO1
I(s)/O
TCLKC
I(s)
TIOC2A
I(s)/O
Yes
204
205 SSI1
I(s)/O
TCLKB
I(s)
TIOC1B
I(s)/O
Yes
206
207
208 SSCK1
I(s)/O
TCLKA
I(s)
TIOC1A
I(s)/O
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com