Electronic Components Datasheet Search
  English  ▼

X  

SH7263 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # SH7263
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1862 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7263 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button SH7263 Datasheet HTML 21Page - Renesas Technology Corp SH7263 Datasheet HTML 22Page - Renesas Technology Corp SH7263 Datasheet HTML 23Page - Renesas Technology Corp SH7263 Datasheet HTML 24Page - Renesas Technology Corp SH7263 Datasheet HTML 25Page - Renesas Technology Corp SH7263 Datasheet HTML 26Page - Renesas Technology Corp SH7263 Datasheet HTML 27Page - Renesas Technology Corp SH7263 Datasheet HTML 28Page - Renesas Technology Corp SH7263 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 1862 page
background image
Rev. 2.00 Mar. 14, 2008 Page xxv of xxxiv
REJ09B0290-0200
21.3.40 Post-ECC Correction Subheader: Data Type (Byte 23) Data Register
(SHEAD27) ........................................................................................................ 1119
21.3.41 Automatic Buffering Setting Control Register 0(CBUFCTL0) .......................... 1119
21.3.42 Automatic Buffering Start Sector Setting: Minutes Control Register
(CBUFCTL1)...................................................................................................... 1121
21.3.43 Automatic Buffering Start Sector Setting: Seconds Control Register
(CBUFCTL2)...................................................................................................... 1121
21.3.44 Automatic Buffering Start Sector Setting: Frames Control Register
(CBUFCTL3)...................................................................................................... 1122
21.3.45 ISY Interrupt Source Mask Control Register (CROMST0M) ............................ 1123
21.3.46 CD-ROM Decoder Reset Control Register (ROMDECRST)............................. 1124
21.3.47 CD-ROM Decoder Reset Status Register (RSTSTAT) ...................................... 1125
21.3.48 SSI Data Control Register (SSI) ......................................................................... 1125
21.3.49 Interrupt Flag Register (INTHOLD)................................................................... 1128
21.3.50 Interrupt Source Mask Control Register (INHINT)............................................ 1129
21.3.51 CD-ROM Decoder Stream Data Input Register (STRMDIN0) .......................... 1130
21.3.52 CD-ROM Decoder Stream Data Input Register (STRMDIN2) .......................... 1130
21.3.53 CD-ROM Decoder Stream Data Output Register (STRMDOUT0).................... 1131
21.4
Operation ......................................................................................................................... 1132
21.4.1 Endian Conversion for Data in the Input Stream ................................................ 1132
21.4.2 Sync Code Maintenance Function ...................................................................... 1133
21.4.3 Error Correction.................................................................................................. 1138
21.4.4 Automatic Decoding Stop Function.................................................................... 1139
21.4.5 Buffering Format ................................................................................................ 1140
21.4.6 Target-Sector Buffering Function....................................................................... 1142
21.5
Interrupt Sources.............................................................................................................. 1144
21.5.1 Interrupt and DMA Transfer Request Signals .................................................... 1144
21.5.2 Timing of Status Registers Updates.................................................................... 1146
21.6
Usage Notes ..................................................................................................................... 1147
21.6.1 Stopping and Resuming Buffering Alone During Decoding .............................. 1147
21.6.2 When CROMST0 Status Register Bits are Set ................................................... 1147
21.6.3 Link Blocks......................................................................................................... 1148
21.6.4 Stopping and Resuming CD-DSP Operation ...................................................... 1148
21.6.5 Note on Clearing the IREADY Flag ................................................................... 1148
21.6.6 Note on Stream Data Transfer (1)....................................................................... 1149
21.6.7 Note on Stream Data Transfer (2)....................................................................... 1149
Section 22 A/D Converter (ADC)....................................................................1151
22.1
Features............................................................................................................................ 1151
22.2
Input/Output Pins ............................................................................................................. 1153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com