Electronic Components Datasheet Search
  English  ▼

X  

SH7263 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # SH7263
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1862 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7263 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button SH7263 Datasheet HTML 14Page - Renesas Technology Corp SH7263 Datasheet HTML 15Page - Renesas Technology Corp SH7263 Datasheet HTML 16Page - Renesas Technology Corp SH7263 Datasheet HTML 17Page - Renesas Technology Corp SH7263 Datasheet HTML 18Page - Renesas Technology Corp SH7263 Datasheet HTML 19Page - Renesas Technology Corp SH7263 Datasheet HTML 20Page - Renesas Technology Corp SH7263 Datasheet HTML 21Page - Renesas Technology Corp SH7263 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 1862 page
background image
Rev. 2.00 Mar. 14, 2008 Page xviii of xxxiv
REJ09B0290-0200
Section 14 Realtime Clock (RTC)..................................................................... 683
14.1
Features.............................................................................................................................. 683
14.2
Input/Output Pin ................................................................................................................685
14.3
Register Descriptions ......................................................................................................... 686
14.3.1 64-Hz Counter (R64CNT) .................................................................................... 687
14.3.2 Second Counter (RSECCNT) ............................................................................... 688
14.3.3 Minute Counter (RMINCNT) ............................................................................... 689
14.3.4 Hour Counter (RHRCNT) .................................................................................... 690
14.3.5 Day of Week Counter (RWKCNT) ...................................................................... 691
14.3.6 Date Counter (RDAYCNT) .................................................................................. 692
14.3.7 Month Counter (RMONCNT) .............................................................................. 693
14.3.8 Year Counter (RYRCNT) ..................................................................................... 694
14.3.9 Second Alarm Register (RSECAR) ...................................................................... 695
14.3.10 Minute Alarm Register (RMINAR)...................................................................... 696
14.3.11 Hour Alarm Register (RHRAR) ........................................................................... 697
14.3.12 Day of Week Alarm Register (RWKAR) ............................................................. 698
14.3.13 Date Alarm Register (RDAYAR)......................................................................... 699
14.3.14 Month Alarm Register (RMONAR) ..................................................................... 700
14.3.15 Year Alarm Register (RYRAR)............................................................................ 701
14.3.16 RTC Control Register 1 (RCR1)........................................................................... 702
14.3.17 RTC Control Register 2 (RCR2)........................................................................... 704
14.3.18 RTC Control Register 3 (RCR3)........................................................................... 706
14.4
Operation ........................................................................................................................... 707
14.4.1 Initial Settings of Registers after Power-On ......................................................... 707
14.4.2 Setting Time ......................................................................................................... 707
14.4.3 Reading Time........................................................................................................ 708
14.4.4 Alarm Function..................................................................................................... 709
14.5
Usage Notes ....................................................................................................................... 710
14.5.1 Register Writing during RTC Count..................................................................... 710
14.5.2 Use of Real-time Clock (RTC) Periodic Interrupts............................................... 710
14.5.3 Transition to Standby Mode after Setting Register............................................... 710
14.5.4 Notes on Register Read and Write Operations ..................................................... 711
Section 15 Serial Communication Interface with FIFO (SCIF)........................ 713
15.1
Features.............................................................................................................................. 713
15.2
Input/Output Pins...............................................................................................................716
15.3
Register Descriptions ......................................................................................................... 717
15.3.1 Receive Shift Register (SCRSR) .......................................................................... 719
15.3.2 Receive FIFO Data Register (SCFRDR) .............................................................. 719
15.3.3 Transmit Shift Register (SCTSR) ......................................................................... 720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com