Electronic Components Datasheet Search
  English  ▼

X  

SH7263 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # SH7263
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1862 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7263 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button SH7263 Datasheet HTML 49Page - Renesas Technology Corp SH7263 Datasheet HTML 50Page - Renesas Technology Corp SH7263 Datasheet HTML 51Page - Renesas Technology Corp SH7263 Datasheet HTML 52Page - Renesas Technology Corp SH7263 Datasheet HTML 53Page - Renesas Technology Corp SH7263 Datasheet HTML 54Page - Renesas Technology Corp SH7263 Datasheet HTML 55Page - Renesas Technology Corp SH7263 Datasheet HTML 56Page - Renesas Technology Corp SH7263 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 1862 page
background image
Section 1 Overview
Rev. 2.00 Mar. 14, 2008 Page 19 of 1824
REJ09B0290-0200
Classification
Symbol
I/O
Name
Function
CTx0, CTx1
O
CAN bus transmit
data
Output pin for transmit data on the
CAN bus.
Controller area
network
(RCAN-TL1)
CRx0, CRx1
I
CAN bus receive
data
Output pin for receive data on the
CAN bus.
IETxD
O
IEB transmit data Output pin for transmit data on IEB.
IEBus
TM
controller (IEB)
IERxD
I
IEB receive data
Input pin for receive data on IEB.
FOE
O
Flash memory
output enable
Address latch enable: Asserted for
address output and negated for data
I/O.
Output enable: Asserted for data
input/status read.
AND/NAND
flash memory
controller
(FLCTL)
FSC
O
Flash memory
serial clock
Read enable: Reads data at falling
edge.
Serial clock: Inputs/outputs data in
synchronization with the signal.
FCE
O
Flash memory
chip enable
Chip enable: Enables the flash
memory connected to this LSI.
FCDE
O
Flash memory
command data
enable
Command latch enable: Asserted at
command output.
Command data enable: Asserted at
command output.
FRB
I
Flash memory
ready/busy
Ready/busy: High level indicates
ready state and low level indicates
busy state.
FWE
O
Flash memory
write enable
Write enable: Flash memory latches
commands, addresses, and data at
rising edge.
NAF7 to NAF0
I/O
Flash memory
data
Data I/O pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com