| Electronic Components Datasheet Search |
|
SH7263 Datasheet(PDF) 48 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7263 Datasheet(HTML) 48 Page - Renesas Technology Corp |
|
48 / 1862 page ![]() Section 1 Overview Rev. 2.00 Mar. 14, 2008 Page 14 of 1824 REJ09B0290-0200 Classification Symbol I/O Name Function MD I Mode set Sets the operating mode. Do not change the signal level on this pin during operation. MD_CLK1, MD_CLK0 I Clock mode set These pins set the clock operating mode. Do not change the signal levels on these pins during operation. Operating mode control ASEMD I ASE mode If a low level is input at the ASEMD pin while the RES pin is asserted, ASE mode is entered; if a high level is input, product chip mode is entered. In ASE mode, the E10A-USB emulator function is enabled. When this function is not in use, fix it high. System control RES I Power-on reset This LSI enters the power-on reset state when this signal goes low. MRES I Manual reset This LSI enters the manual reset state when this signal goes low. WDTOVF O Watchdog timer overflow Outputs an overflow signal from the WDT. BREQ I Bus-mastership request A low level is input to this pin when an external device requests the release of the bus mastership. BACK O Bus-mastership request acknowledge Indicates that the bus mastership has been released to an external device. Reception of the BACK signal informs the device which has output the BREQ signal that it has acquired the bus. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |