Electronic Components Datasheet Search
  English  ▼

X  

SH7263 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # SH7263
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1862 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7263 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button SH7263 Datasheet HTML 72Page - Renesas Technology Corp SH7263 Datasheet HTML 73Page - Renesas Technology Corp SH7263 Datasheet HTML 74Page - Renesas Technology Corp SH7263 Datasheet HTML 75Page - Renesas Technology Corp SH7263 Datasheet HTML 76Page - Renesas Technology Corp SH7263 Datasheet HTML 77Page - Renesas Technology Corp SH7263 Datasheet HTML 78Page - Renesas Technology Corp SH7263 Datasheet HTML 79Page - Renesas Technology Corp SH7263 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 1862 page
background image
Section 2 CPU
Rev. 2.00 Mar. 14, 2008 Page 42 of 1824
REJ09B0290-0200
2.1.2
Control Registers
The control registers consist of four 32-bit registers: the status register (SR), the global base
register (GBR), the vector base register (VBR), and the jump table base register (TBR).
The status register indicates instruction processing states.
The global base register functions as a base address for the GBR indirect addressing mode to
transfer data to the registers of on-chip peripheral modules.
The vector base register functions as the base address of the exception handling vector area
(including interrupts).
The jump table base register functions as the base address of the function table area.
31
0
1
T
S
2
3
4
5
6
7
8
9
I[3:0]
Q
M
13
14
CS
BO
Status register (SR)
31
0
GBR
Global base register (GBR)
31
VBR
Vector base register (VBR)
0
31
TBR
Jump table base register (TBR)
0
Figure 2.2 Control Registers
(1)
Status Register (SR)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
RRRRRRRRRRRRRRRR
000000
-
-
111100
-
-
R
R/W
R/W
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R
R
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
----------------
-
BO
CS
-
-
-
M
Q
I[3:0]
-
-
S
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com