Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 100Page - Renesas Technology Corp 4502 Datasheet HTML 101Page - Renesas Technology Corp 4502 Datasheet HTML 102Page - Renesas Technology Corp 4502 Datasheet HTML 103Page - Renesas Technology Corp 4502 Datasheet HTML 104Page - Renesas Technology Corp 4502 Datasheet HTML 105Page - Renesas Technology Corp 4502 Datasheet HTML 106Page - Renesas Technology Corp 4502 Datasheet HTML 107Page - Renesas Technology Corp 4502 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 214 page
background image
Parameter
Instruction code
Function
Mnemonic
Type of
instructions
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Hexadecimal
notation
INSTRUCTIONS
1-92
Rev.2.01
Feb 02, 2005
4502 Group
HARDWARE
REJ09B0193-0201
Note : p is 0 to 15 for M34502M2, p is 0 to 31 for M34502M4/E4.
MACHINE INSTRUCTIONS (INDEX BY TYPES) (continued)
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
2
07 n
08 p
+p
00 A
00 B
06 n
01 8
01 9
00 7
00 6
02 F
01 C
01 D
05 C
+j
04 C
+j
02 j
02 6
02 5
07 n
000111nnnn
00100p4
p3
p2
p1
p0
0000001010
0000001011
000110nnnn
0000011000
0000011001
0000000111
0000000110
0000101111
0000011100
0000011101
00010111j
j
00010011j
j
00001000j
j
0000100110
0000100101
000111nnnn
LA n
TABP p
AM
AMC
A n
AND
OR
SC
RC
SZC
CMA
RAR
SB j
RB j
SZB j
SEAM
SEA n
1
3
1
1
1
1
1
1
1
1
1
1
1
1
1
1
2
(A)
← n
n = 0 to 15
(SP)
← (SP) + 1
(SK(SP))
← (PC)
(PCH)
← p (Note)
(PCL)
← (DR2–DR0, A3–A0)
(B)
← (ROM(PC))7–4
(A)
← (ROM(PC))3–0
(PC)
← (SK(SP))
(SP)
← (SP) – 1
(A)
← (A) + (M(DP))
(A)
← (A) + (M(DP)) +(CY)
(CY)
← Carry
(A)
← (A) + n
n = 0 to 15
(A)
← (A) AND (M(DP))
(A)
← (A) OR (M(DP))
(CY)
← 1
(CY)
← 0
(CY) = 0 ?
(A)
← (A)
→ CY → A3A2A1A0
(Mj(DP))
← 1
j = 0 to 3
(Mj(DP))
← 0
j = 0 to 3
(Mj(DP)) = 0 ?
j = 0 to 3
(A) = (M(DP)) ?
(A) = n ?
n = 0 to 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com