Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 104Page - Renesas Technology Corp 4502 Datasheet HTML 105Page - Renesas Technology Corp 4502 Datasheet HTML 106Page - Renesas Technology Corp 4502 Datasheet HTML 107Page - Renesas Technology Corp 4502 Datasheet HTML 108Page - Renesas Technology Corp 4502 Datasheet HTML 109Page - Renesas Technology Corp 4502 Datasheet HTML 110Page - Renesas Technology Corp 4502 Datasheet HTML 111Page - Renesas Technology Corp 4502 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 214 page
background image
DI
EI
SNZ0
SNZI0
TAV1
TV1A
TAV2
TV2A
TAI1
TI1A
TAW1
TW1A
TAW2
TW2A
TAW6
TW6A
TAB1
T1AB
TAB2
T2AB
TR1AB
SNZT1
SNZT2
(INTE)
← 0
(INTE)
← 1
V10 = 0: (EXF0) = 1 ?
After skipping, (EXF0)
← 0
V10 = 1: SNZ0 = NOP
I12 = 0 : (INT) = “L” ?
I12 = 1 : (INT) = “H” ?
(A)
← (V1)
(V1)
← (A)
(A)
← (V2)
(V2)
← (A)
(A)
← (I1)
(I1)
← (A)
(A)
← (W1)
(W1)
← (A)
(A)
← (W2)
(W2)
← (A)
(A)
← (W6)
(W6)
← (A)
(B)
← (T17–T14)
(A)
← (T13–T10)
(T17–T14)
← (B)
(R17–R14)
← (B)
(T13–T10)
← (A)
(R13–R10)
← (A)
(B)
← (T27–T24)
(A)
← (T23–T20)
(T27–T24)
← (B)
(R27–R24)
← (B)
(T23–T20)
← (A)
(R23–R20)
← (A)
(R17–R14)
← (B)
(R13–R10)
← (A)
V12 = 0: (T1F) = 1 ?
After skipping, (T1F)
← 0
V12 = 1: SNZT1 = NOP
V13 = 0: (T2F) = 1 ?
After skipping, (T2F)
← 0
V13 = 1: SNZT2 = NOP
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
00 4
00 5
03 8
03 A
05 4
03 F
05 5
03 E
25 3
21 7
24 B
20 E
24 C
20 F
25 0
21 3
27 0
23 0
27 1
23 1
23 F
28 0
28 1
0000000100
0000000101
0000111000
0000111010
0001010100
0000111111
0001010101
0000111110
1001010011
1000010111
1001001011
1000001110
1001001100
1000001111
1001010000
1000010011
1001110000
1000110000
1001110001
1000110001
1000111111
1010000000
1010000001
Parameter
Instruction code
Function
Mnemonic
Type of
instructions
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Hexadecimal
notation
MACHINE INSTRUCTIONS (INDEX BY TYPES) (continued)
INSTRUCTIONS
1-96
Rev.2.01
Feb 02, 2005
4502 Group
HARDWARE
REJ09B0193-0201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com