| Electronic Components Datasheet Search |
|
4502 Datasheet(PDF) 111 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4502 Datasheet(HTML) 111 Page - Renesas Technology Corp |
|
111 / 214 page ![]() Skip condition Datailed description INSTRUCTIONS 1-99 4502 Group HARDWARE Rev.2.01 Feb 02, 2005 REJ09B0193-0201 – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – (D(Y)) = 0 ? (Y) = 0 to 5 – – (C) = 1 – – – – – – – – – – – Transfers the input of port P0 to register A. Outputs the contents of register A to port P0. Transfers the input of port P1 to register A. Outputs the contents of register A to port P1. Transfers the input of port P2 to the low-order 2 bits (A1, A0) of register A. Outputs the contents of the low-order 2 bits (A1, A0) of register A to port P2. Transfers the input of port P3 to the low-order 2 bits (A1, A0) of register A. Outputs the contents of the low-order 2 bits (A1, A0) of register A to port P3. Sets (1) to port D. Clears (0) to a bit of port D specified by register Y. Sets (1) to a bit of port D specified by register Y. Skips the next instruction when a bit of port D specified by register Y is “0.” Executes the next instruction when a bit of port D specified by register Y is “1.” Sets (1) to port C. Clears (0) to port C. Skips the next instruction when the contents of port C is “1.” Executes the next instruction when the contents of port C is “0.” Transfers the contents of port K to the bit 0 (A0) of register A. Outputs the contents of bit 0 (A0) of register A to port K. Transfers the contents of register A to key-on wakeup control register K0. Transfers the contents of key-on wakeup control register K0 to register A. Transfers the contents of register A to key-on wakeup control register K1. Transfers the contents of key-on wakeup control register K1 to register A. Transfers the contents of register A to key-on wakeup control register K2. Transfers the contents of key-on wakeup control register K2 to register A. Transfers the contents of register A to pull-up control register PU0. Transfers the contents of register A to pull-up control register PU1. Transfers the contents of register A to pull-up control register PU2. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |