Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 105Page - Renesas Technology Corp 4502 Datasheet HTML 106Page - Renesas Technology Corp 4502 Datasheet HTML 107Page - Renesas Technology Corp 4502 Datasheet HTML 108Page - Renesas Technology Corp 4502 Datasheet HTML 109Page - Renesas Technology Corp 4502 Datasheet HTML 110Page - Renesas Technology Corp 4502 Datasheet HTML 111Page - Renesas Technology Corp 4502 Datasheet HTML 112Page - Renesas Technology Corp 4502 Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 214 page
background image
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
V10 = 0: (EXF0) = 1
(INT) = “L”
However, I12 = 0
(INT) = “H”
However, I12 = 1
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
V12 = 0: (T1F) = 1
V13 = 0: (T2F) =1
Skip condition
Datailed description
Clears (0) to interrupt enable flag INTE, and disables the interrupt.
Sets (1) to interrupt enable flag INTE, and enables the interrupt.
When V10 = 0 : Skips the next instruction when external 0 interrupt request flag EXF0 is “1.” After skipping,
clears (0) to the EXF0 flag. When the EXF0 flag is “0,” executes the next instruction.
When V10 = 1 : This instruction is equivalent to the NOP instruction. (V10: bit 0 of interrupt control register
V1)
When I12 = 0 : Skips the next instruction when the level of INT pin is “L.” Executes the next instruction when
the level of INT pin is “H.”
When I12 = 1 : Skips the next instruction when the level of INT pin is “H.” Executes the next instruction when
the level of INT pin is “L.” (I12: bit 2 of interrupt control register I1)
Transfers the contents of interrupt control register V1 to register A.
Transfers the contents of register A to interrupt control register V1.
Transfers the contents of interrupt control register V2 to register A.
Transfers the contents of register A to interrupt control register V2.
Transfers the contents of interrupt control register I1 to register A.
Transfers the contents of register A to interrupt control register I1.
Transfers the contents of timer control register W1 to register A.
Transfers the contents of register A to timer control register W1.
Transfers the contents of timer control register W2 to register A.
Transfers the contents of register A to timer control register W2.
Transfers the contents of timer control register W6 to register A.
Transfers the contents of register A to timer control register W6.
Transfers the high-order 4 bits (T17–T14) of timer 1 to register B.
Transfers the low-order 4 bits (T13–T10) of timer 1 to register A.
Transfers the contents of register B to the high-order 4 bits of timer 1 and timer 1 reload register R1. Trans-
fers the contents of register A to the low-order 4 bits of timer 1 and timer 1 reload register R1.
Transfers the high-order 4 bits (T27–T24) of timer 2 to register B.
Transfers the low-order 4 bits (T23–T20) of timer 2 to register A.
Transfers the contents of register B to the high-order 4 bits of timer 2 and timer 2 reload register R2. Trans-
fers the contents of register A to the low-order 4 bits of timer 2 and timer 2 reload register R2.
Transfers the contents of register B to the high-order 4 bits (R17–R14) of reload register R1, and the con-
tents of register A to the low-order 4 bits (R13–R10) of reload register R1.
When V12 = 0 : Skips the next instruction when timer 1 interrupt request flag T1F is “1.” After skipping,
clears (0) to the T1F flag. When the T1F flag is “0,” executes the next instruction.
When V12 = 1 : This instruction is equivalent to the NOP instruction. (V12: bit 2 of interrupt control register V1)
When V13 = 0 : Skips the next instruction when timer 1 interrupt request flag T2F is “1.” After skipping,
clears (0) to the T2F flag. When the T2F flag is “0,” executes the next instruction.
When V13 = 1 : This instruction is equivalent to the NOP instruction. (V13: bit 3 of interrupt control register V1)
INSTRUCTIONS
1-97
4502 Group
HARDWARE
Rev.2.01
Feb 02, 2005
REJ09B0193-0201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com