Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 111Page - Renesas Technology Corp 4502 Datasheet HTML 112Page - Renesas Technology Corp 4502 Datasheet HTML 113Page - Renesas Technology Corp 4502 Datasheet HTML 114Page - Renesas Technology Corp 4502 Datasheet HTML 115Page - Renesas Technology Corp 4502 Datasheet HTML 116Page - Renesas Technology Corp 4502 Datasheet HTML 117Page - Renesas Technology Corp 4502 Datasheet HTML 118Page - Renesas Technology Corp 4502 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 214 page
background image
1-103
4502 Group
HARDWARE
Rev.2.01
Feb 02, 2005
REJ09B0193-0201
INSTRUCTION CODE TABLE (continued)
–
–
–
–
TQ1A
–
–
–
–
–
–
–
–
–
TW1A
TW2A
–
–
–
TW6A
TK1A
TK2A
TMRA
TI1A
–
–
–
TK0A
–
–
–
OKA
T1AB
T2AB
–
–
–
–
–
–
–
TADAB
–
–
–
–
–
TR1AB
–
–
–
–
TAQ1
–
–
–
–
TALA
–
TAW1
TAW2
–
–
–
TAW6
–
TAMR
TAI1
–
–
TAK0
–
–
TAK1
TAK2
–
–
–
–
–
IAP0
IAP1
IAP2
IAP3
–
–
–
–
–
–
–
–
–
–
–
IAK
TAB1
TAB2
–
–
–
–
–
–
–
TABAD
–
–
–
–
–
–
SNZT1
SNZT2
–
–
–
–
–
SNZAD
–
SNZCP
–
–
RCP
SCP
–
–
–
–
–
–
–
–
–
–
–
–
CMCK
CRCK
DWDT
–
–
ADST
WRST
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
TAM
0
TAM
1
TAM
2
TAM
3
TAM
4
TAM
5
TAM
6
TAM
7
TAM
8
TAM
9
TAM
10
TAM
11
TAM
12
TAM
13
TAM
14
TAM
15
XAM
0
XAM
1
XAM
2
XAM
3
XAM
4
XAM
5
XAM
6
XAM
7
XAM
8
XAM
9
XAM
10
XAM
11
XAM
12
XAM
13
XAM
14
XAM
15
XAMI
0
XAMI
1
XAMI
2
XAMI
3
XAMI
4
XAMI
5
XAMI
6
XAMI
7
XAMI
8
XAMI
9
XAMI
10
XAMI
11
XAMI
12
XAMI
13
XAMI
14
XAMI
15
XAMD
0
XAMD
1
XAMD
2
XAMD
3
XAMD
4
XAMD
5
XAMD
6
XAMD
7
XAMD
8
XAMD
9
XAMD
10
XAMD
11
XAMD
12
XAMD
13
XAMD
14
XAMD
15
LXY
LXY
LXY
LXY
LXY
LXY
LXY
LXY
LXY
LXY
LXY
LXY
LXY
LXY
LXY
LXY
TMA
0
TMA
1
TMA
2
TMA
3
TMA
4
TMA
5
TMA
6
TMA
7
TMA
8
TMA
9
TMA
10
TMA
11
TMA
12
TMA
13
TMA
14
TMA
15
BL
BML
BLA
BMLA
SEA
SZD
The second word
10
0aaa
aaaa
10
0aaa
aaaa
10
0p00
pppp
10
0p00
pppp
00
0111
nnnn
00
0010
1011
OP0A
OP1A
OP2A
OP3A
–
–
–
–
–
–
–
–
–
TPU0A
TPU1A
TPU2A
D3–D0
Hex.
notation
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
D9–D4
20
100001
21
100010
22
100011
23
100100
24
100101
25
100110
26
100111
27
101000
28
101001
29
101010
2A
101011
2B
101100
2C
101101
2D
101110
2E
101111
2F
110000
111111
30–3F
100000
The above table shows the relationship between machine language codes and machine language instructions. D3–D0 show the low-
order 4 bits of the machine language code, and D9–D4 show the high-order 6 bits of the machine language code. The hexadecimal
representation of the code is also provided. There are one-word instructions and two-word instructions, but only the first word of
each instruction is shown. Do not use code marked “–.”
The codes for the second word of a two-word instruction are described below.
INSTRUCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com