Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 338 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 338 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 334Page - Renesas Technology Corp 7721 Datasheet HTML 335Page - Renesas Technology Corp 7721 Datasheet HTML 336Page - Renesas Technology Corp 7721 Datasheet HTML 337Page - Renesas Technology Corp 7721 Datasheet HTML 338Page - Renesas Technology Corp 7721 Datasheet HTML 339Page - Renesas Technology Corp 7721 Datasheet HTML 340Page - Renesas Technology Corp 7721 Datasheet HTML 341Page - Renesas Technology Corp 7721 Datasheet HTML 342Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 577 page
background image
13-59
DMA CONTROLLER
13.5 Single transfer mode
7721 Group User’s Manual
13.5.2 Operation in single transfer mode
Figure 13.5.5 shows the operation flowchart of the single transfer mode, and Figure 13.5.6 shows a timing
diagram of the single transfer mode (burst transfer mode).
For the cycle-steal transfer mode, refer to the following:
• All transfers except for the last 1-unit transfer: Figure 13.8.12
• Last 1-unit transfer: Figure 13.8.14
Also, refer to section “13.2.1 Bus access control circuit” for the bus request sampling during transfer.
DMAi request bit
← 0
1-unit transfer
Transfer completion of
1 block ?
TC “L” output (Note)
DMAi interrupt request bit
← 1
DMAi enable bit
← 0
(Only in cycle-steal transfer mode)
(Refer to section “13.4 Operation.”)
N
Y
Note: When TC pin validity bit is “1”
1
Burst·Edge
: In burst transfer mode (edge sense)
Burst·Level·L
: In burst transfer mode (level sense) with DMAREQi pin’s input level = L
Burst·Level·H
: In burst transfer mode (level sense) with DMAREQi pin’s input level = H
Cycle-steal·Requested
: In cycle-steal transfer mode with any request of DMA0–3
Cycle-steal·No request
h no request of DMA0–3
DMAi request bit
← 0
(Only burst·edge)
DMAi request bit ?
Burst·Level·H
Cycle-Steal·No request
0
Burst·Edge
Burst·Level·L
Cycle-steal·Requested
Fig. 13.5.5 Operation flowchart of single transfer mode
: In cycle-steal transfer mode wit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com