Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 334 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 334 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 330Page - Renesas Technology Corp 7721 Datasheet HTML 331Page - Renesas Technology Corp 7721 Datasheet HTML 332Page - Renesas Technology Corp 7721 Datasheet HTML 333Page - Renesas Technology Corp 7721 Datasheet HTML 334Page - Renesas Technology Corp 7721 Datasheet HTML 335Page - Renesas Technology Corp 7721 Datasheet HTML 336Page - Renesas Technology Corp 7721 Datasheet HTML 337Page - Renesas Technology Corp 7721 Datasheet HTML 338Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 577 page
background image
13-55
DMA CONTROLLER
13.5 Single transfer mode
7721 Group User’s Manual
b7
b0
b15
b8
Source address register 0 (Addresses 1FC216 to 1FC016) (SAR0)
Source address register 1 (Addresses 1FD216 to 1FD016) (SAR1)
Source address register 2 (Addresses 1FE216 to 1FE016) (SAR2)
Source address register 3 (Addresses 1FF216 to 1FF016) (SAR3)
Functions
Bit
At reset
RW
23 to 0 [Write]
Set the transfer start address of the source.
These bits can be set to “00000016” to “FFFFFF16.”
[Read]
The read value indicates the source address of data
which is next transferred.
Undefined
RW
Note: When writing to this register, write to all 24 bits.
b23
b16
b7
b0
b15
b8
Destination address register 0 (Addresses 1FC616 to 1FC416) (DAR0)
Destination address register 1 (Addresses 1FD616 to 1FD416) (DAR1)
Destination address register 2 (Addresses 1FE616 to 1FE416) (DAR2)
Destination address register 3 (Addresses 1FF616 to 1FF416) (DAR3)
Functions
Bit
At reset
RW
23 to 0 [Write]
Set the transfer start address of the destination.
These bits can be set to “00000016” to “FFFFFF16.”
[Read]
The read value indicates the destination address of
data which is next transferred.
Undefined
RW
Note: When writing to this register, write to all 24 bits.
b23
b16
b7
b0
b15
b8
Transfer counter register 0 (Addresses 1FCA16 to 1FC816) (TCR0)
Transfer counter register 1 (Addresses 1FDA16 to 1FD816) (TCR1)
Transfer counter register 2 (Addresses 1FEA16 to 1FE816) (TCR2)
Transfer counter register 3 (Addresses 1FFA16 to 1FF816) (TCR3)
Functions
Bit
At reset
RW
23 to 0 [Write]
Set the byte number of the transfer data.
These bits can be set to “00000116” to “FFFFFF16.”
[Read]
The read value indicates remaining byte number of
the transfer data.
Undefined
RW
Note: When writing to this register, write to all 24 bits.
Do not set this register to “00000016.”
b23
b16
Fig. 13.5.1 Register structures of SARi, DARi, and TCRi in single transfer mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com