Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 332 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 328Page - Renesas Technology Corp 7721 Datasheet HTML 329Page - Renesas Technology Corp 7721 Datasheet HTML 330Page - Renesas Technology Corp 7721 Datasheet HTML 331Page - Renesas Technology Corp 7721 Datasheet HTML 332Page - Renesas Technology Corp 7721 Datasheet HTML 333Page - Renesas Technology Corp 7721 Datasheet HTML 334Page - Renesas Technology Corp 7721 Datasheet HTML 335Page - Renesas Technology Corp 7721 Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 577 page
background image
DMA CONTROLLER
7721 Group User’s Manual
13-53
13.4 Operation
2. When a DMA transfer of another channel is subsequently performed
In the cycle-steal transfer mode, it takes 1.5 cycles of
φ from the generation of a DMA request until that
of a BUS REQUEST (DMAC).
Therefore, if a DMA request of another channel is generated during a DMAi transfer in the cycle-steal
mode, either one of the following two cases occurs depending on its timing of request generation:
• The DMAC performs the DMA transfer subsequently without returning the right to use bus.
• After returning the right to use bus to the CPU once, the DMAC regains the right and performs the
DMA transfer.
Fig. 13.4.13 Conditions for performing DMA transfers of another channel subsequently
Bus request
sampling
1-unit transfer
φ
E
When a DMA request is generated at the following timing, it is not in time to the next bus request sampling (V).
Therefore, DMAC returns the right to use bus to the CPU. Then, the DMAC regains the right and restarts DMA transfer.
• Except for the last 1-unit transfer is selected without Wait. In addition, a time of 0.5 cycle of
φ is less than tsu(DRQ – φ1).
(V)
DMA transfer is subsequently performed if DMAi
request bit of another channel becomes “1” during
this term (on condition that DMAi request bit of
another channel becomes “1” at the timing
satisfying tsu(DRQ –
φ1)).
After returning the right to use bus to
CPU once, DMAC regains the right and
restarts DMA transfer if DMAi request
bit of another channel becomes “1”
during this term.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com